Electronic Components Datasheet Search
  English  ▼

X  

CDR05 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDR05
Description  Thyristor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDR05 Datasheet(HTML) 1 Page - Continental Device India Limited

  CDR05 Datasheet HTML 1Page - Continental Device India Limited CDR05 Datasheet HTML 2Page - Continental Device India Limited CDR05 Datasheet HTML 3Page - Continental Device India Limited CDR05 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDR05
Thyristor Series
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Test condition
peak repetitive off-stage voltage
VDRM, VRRM
>600
V
on-state RMS current
IT(RMS)
4
A
TL=60
oC
average on-state current
IT(AV)
2.5
A
TL=60
oC
NON repetitive surge peak on-state current
ITSM
30
A
Tp=10ms, Tj=25
oC
critical rate of rise on-state current
dI/dt
50
A/
µs
F=60HZ
peak gate current
IGM
1.2
A
tp=20
µs
average gate power dissipation
PG(AV)
0.2
W
storage temperature range
Tstg
-40 to +150
oC
operating junction temperature range
Tj
125
oC
Electrical characteristics ( Tj=25ºC) unless otherwise specified
Parameter
Symbol
Value
Unit
Test condition
gate trigger current
IGT
10-200
µ A
VD=12V, RL=140Ω
gate trigger voltage
VGT
<0.8
V
VD=12V, RL=140Ω
hold current
IH
<3
mA
IT=50mA, RGK=1KΩ
critical rate of rise off-state voltage
dv/dt
>10
V/
µs
VD=67%VDRM, RGK=1KΩ
on-state voltage
VTM
<2.2
V
ITM=8A, tp =380µs
off-state leakage current
IDRM, IRRM
<10
µ A
VD=VDRM; VR=VRRM;
RGK=1K
Ω, Tj=125oC
Rth(j-a)
<10
Rth(j-mb)
<75
CDR05 Rev_1 021209E
Disclaimer
thermal resistance
oC/W
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your
product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality
parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL
however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of
the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in
their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112
Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
Continental Device India Limited
Data Sheet
Page 1 of
4
TO-126
TO-202-3
TO-220


Similar Part No. - CDR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR05 KEMET-CDR05 Datasheet
1Mb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR05 AVX-CDR05 Datasheet
44Kb / 2P
MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
TT Electronics.
CDR05 TTELEC-CDR05 Datasheet
322Kb / 3P
Robust terminations
CDR05 TTELEC-CDR05 Datasheet
346Kb / 3P
Capacitor Discharge Resistors
logo
Kemet Corporation
CDR05BP101ABSM KEMET-CDR05BP101ABSM Datasheet
975Kb / 10P
CERAMIC CHIP/MIL-PRF-55681
More results

Similar Description - CDR05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
logo
First Components Intern...
TSP064ALL FCI-TSP064ALL Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Continental Device Indi...
CDR02 CDIL-CDR02 Datasheet
128Kb / 2P
Thyristor Series
BT151F CDIL-BT151F Datasheet
316Kb / 2P
Thyristor Series
BT151-800 CDIL-BT151-800 Datasheet
76Kb / 2P
Thyristor Series
BT151-650 CDIL-BT151-650 Datasheet
76Kb / 2P
Thyristor Series
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com