Electronic Components Datasheet Search
  English  ▼

X  

CDP055PNP Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDP055PNP
Description  SILICON PLANAR POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDP055PNP Datasheet(HTML) 1 Page - Continental Device India Limited

  CDP055PNP Datasheet HTML 1Page - Continental Device India Limited CDP055PNP Datasheet HTML 2Page - Continental Device India Limited CDP055PNP Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR POWER TRANSISTORS
CDN055 NPN
CDP055 PNP
TO-3
Metal Can Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current
IC
Power Dissipation at Tc=25ºC
PD
Operating and Storage Junction
Temperature Range
Tj, Tstg
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Voltage
*VCEO
IC=100mA, IB=0
50
V
Collector Cut Off Current
ICBO
VCB=50V, IE=0
0.2
mA
Emitter Cut Off Current
IEBO
VBE=6V, IC=0
1.0
mA
Collector Cut Off Current
ICEO
VCE=50V, IB=0
1.0
mA
DC Current Gain
*hFE
IC=2A, VCE=2V
25
100
Collector Emitter Saturation Voltage
*VCE (sat)
IC=2A, IB=200mA
1.0
V
Base Emitter on Voltage
*VBE (on)
IC=2A, VCE=2V
1.2
V
Second Breakdown Collector Current
with Base Forward Biased
IS/b
VCE=20V,t=1.0 s,Nonrepetitive
2.87
A
*Pulse Test: Pulse Width <300
µµs, Duty Cycle <2%
CDN055_CDP055 Rev041109E
A
W
ºC
UNITS
V
V
V
VALUE
50
50
6
10
57.5
- 65 to +200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CDP055PNP

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDP0815 DAICO-CDP0815 Datasheet
28Kb / 1P
PHASE SHIFTER, 4 SECTION
CDP0926 DAICO-CDP0926 Datasheet
32Kb / 1P
PHASE SHIFTER, 4 SECTION
More results

Similar Description - CDP055PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com