Electronic Components Datasheet Search
  English  ▼

X  

CDL6718 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDL6718
Description  NPN EPITAXIAL SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDL6718 Datasheet(HTML) 1 Page - Continental Device India Limited

  CDL6718 Datasheet HTML 1Page - Continental Device India Limited CDL6718 Datasheet HTML 2Page - Continental Device India Limited CDL6718 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDL6718
TO126
Plastic Package
General Purpose Medium Power Amplifier and Switching Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Total Power Dissipation at Ta=25ºC
PD
W
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=100µA, IE=0
100
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
100
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5.0
V
Collector Cut Off Current
ICBO
VCB=80V, IE=0
100
nA
Collector Emitter Saturation Voltage
*VCE (sat)
IC=350mA, IB=35mA
0.35
V
DC Current Gain
*hFE
IC=50mA, VCE=1V
80
IC=250mA, VCE=1V
50
250
IC=500mA, VCE=1V
20
Transition frequency
fT
IC=50mA, VCE=10V,
f=100MHz
50
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
20
pF
CDL6718Rev211005E
*Pulse Test: Pulse Width<380
µµs, Duty Cycle <2%
VALUE
100
100
5.0
1.0
1.6
150
For Lead Free Parts, Device
Part # will be Prefixed with "T"
- 55 to 150
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CDL6718

ManufacturerPart #DatasheetDescription
logo
Dialight Lumidrives Ltd...
CDL-M3M DIALIGHTLUMIDRIVES-CDL-M3M Datasheet
195Kb / 2P
HL16 RGB LED LIGHT ENGINE
logo
Pro-Signal
CDL01 PROSIGNAL-CDL01 Datasheet
57Kb / 1P
CD Light
logo
List of Unclassifed Man...
CDL13005 ETC1-CDL13005 Datasheet
69Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CDL13005 RECTRON-CDL13005 Datasheet
425Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Continental Device Indi...
CDL13005 CDIL-CDL13005 Datasheet
111Kb / 4P
NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CDL6718

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
766Kb / 3P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com