Electronic Components Datasheet Search
  English  ▼

X  

TCD13002 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TCD13002
Description  NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TCD13002 Datasheet(HTML) 1 Page - Continental Device India Limited

  TCD13002 Datasheet HTML 1Page - Continental Device India Limited TCD13002 Datasheet HTML 2Page - Continental Device India Limited TCD13002 Datasheet HTML 3Page - Continental Device India Limited TCD13002 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE
CD13002
FAST SWITCHING POWER TRANSISTOR
TCD13002 (Tin Lead Part)
LEAD FREE
TO-92
Plastic Package
Compact Fluorescent Lamps (CFLS)
ABSOLUTE MAXIMUM RATING (Ta =25ºC )
DESCRIPTION
SYMBOL
VALUE
Collector Base Voltage
VCBO
600
Collector Emitter Voltage
VCEO
400
Emitter Base Voltage
VEBO
9.0
Collector Current Continuous
IC
1.0
Peak
ICM
1.5
Power Dissipation
PD
1.0
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 55 to +150
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
400
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
9.0
V
Collector Cut Off Current
ICBO
VCB=600V, IE = 0
100
µA
Collector Cut Off Current
ICEO
VCE=400V, IB = 0
50
µA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
100
µA
DC Current Gain
hFE
*VCE=5V, IC=0.1A
15
28
VCE=5V, IC=400mA
5.0
20
Collector Emitter Saturation Voltage
VCE (sat)
IC=100mA, IB=50mA
0.05
0.11
V
IC=230mA, IB=50mA
0.12
0.24
V
Base Emitter Saturation Voltage
VBE (sat)
IC=100mA, IB=50mA
0.82
0.88
V
Fall Time
tf
IC=0.11A
0.4
µs
Storage Time
ts
IC=0.1A, IB1= IB2=0.05A
0.07
0.9
µs
Transition Frequency
fT
VCE=10V, IC=0.1A,f=1MHz
4.0
MHz
*hFE Classification
Note:- Product is pre selected in DC current
A
B
C
E
gain (Groups A to E). CDIL reserves the right
15-19
18-22
21-25
24-28
to ship any of the groups according to
production availability.
MARKING
CD
CD
CD
CD
13002A
13002B
13002C
13002E
TCD
TCD
TCD
TCD
X = Year of Manufacturer Code
13002A
13002B
13002C
13002E
Y = Month Code
CD13002_CTD13002Rev_4 050706E
XY
XY
XY
XY
XY
XY
XY
XY
UNIT
V
V
V
A
A
W
ºC
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TCD13002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1300D TOSHIBA-TCD1300D Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
More results

Similar Description - TCD13002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD13002 ETC1-CD13002 Datasheet
156Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Rectron Semiconductor
CD13002 RECTRON-CD13002 Datasheet
1Mb / 4P
NPN SILICON PLANAR EPITAXIAL,HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com