Electronic Components Datasheet Search
  English  ▼

X  

2N6740 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6740
Description  NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6740 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6740 Datasheet HTML 1Page - Continental Device India Limited 2N6740 Datasheet HTML 2Page - Continental Device India Limited 2N6740 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Derate above 25°C
max.
0.8 W/°C
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to ambient
Rth j–a
70 °C/W
From junction to case
Rth j–c
1.25 °C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
VBE(off) = 1.5 V; VCE = 650 V
ICEV
max.
0.1 mA
VBE(off) = 1.5 V; VCE = 650 V; TC = 125°C
ICEV
max.
1 mA
Emitter cut-off current
IC = 0; VEB = 8V
IEBO
max.
2 mA
Breakdown voltages
IC = 200 mA; IB = 0
VCEO
min.
400 V
IC = 1 mA; VBE = 1.5 V
VCEV
min.
650 V
IE = 1 mA; IC = 0
VEBO
min.
8.0 V
Saturation voltages
IC = 5 A; IB = 1 A
VCEsat*
max.
1.0 V
VBEsat*
max.
1.6 V
IC = 5 A; IB = 1 A; TC = 125°C
VCEsat*
max.
2.0 V
IC = 8 A; IB = 4 A
VCEsat*
max.
2.0 V
D.C. current gain
IC = 5 A; VCE = 3 V
hFE*
min.
10
max.
40
Output capacitance at f = 0.1 MHz
IE = 0; VCB = 10 V
Co
max.
300 pF
min.
50 pF
Transition frequency
IC = 200 mA; VCE = 10 V
fT
min.
15 MHz
max.
60 MHz
Small signal current gain
IC = 0.2A; VCE = 10V; f = 5 MHz
|hfe|
min.
3
max.
12
Switching time
VCC = 125 V; IC = 5 A
IB = 1 A; tp = 20 µs
Delay time
td
max.
0.1 µs
Rise time
tr
max.
0.5 µs
VCC = 125 V; IC = 5 A
IB1 = –IB2 = 1 A; tp = 20 µs
Storage time
ts
max.
2.5 µs
Fall time
tf
max.
0.4 µs
Second breakdown collector current
with base forward biased
VCE = 25 V; t = 0.5 s
IS/b
min.
4 A
* Pulsed: pulse duration = 300 µs; duty factor
≤ 2%
2N6740



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com