Electronic Components Datasheet Search
  English  ▼

X  

2N6714 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6714
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6714 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6714 Datasheet HTML 1Page - Continental Device India Limited 2N6714 Datasheet HTML 2Page - Continental Device India Limited 2N6714 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (Ta =25ºC unless otherwise specified)
Description
Description
Description
Description
Description
Symbol
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Collector Cutoff Current
VCB=40V, IE=0
2N6714
2N6714
2N6714
2N6714
2N6714
ICBO
-
100
nA
VCB=50V, IE=0
2N6715
2N6715
2N6715
2N6715
2N6715
-
100
nA
VCB=40V, IE=0
2N6716
2N6716
2N6716
2N6716
2N6716
-
100
nA
D.C. Current Gain
IC=10mA, VCE=1V
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
hFE
55
-
IC=100mA, VCE=1V
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
60
-
IC=1A, VCE=1V
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
50
250
IC=50mA, VCE=1V
2N6716
2N6716
2N6716
2N6716
2N6716
80
-
IC=250mA, VCE=1V
2N6716
2N6716
2N6716
2N6716
2N6716
50
250
IC=500mA, VCE=1V
2N6716
2N6716
2N6716
2N6716
2N6716
20
-
Collector-Emitter Saturation Voltage
IC=1A, IB=100mA
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
VCE(sat)
-
0.5
V
IC=250mA, IB=25mA 2N6716
2N6716
2N6716
2N6716
2N6716
-
0.35
V
Base Emitter on Voltage
IC=1A, VCE=1V
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
2N6714/6715
VBE(on)
-
1.2
V
DYNAMIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Output Capacitance
VCB=10V, IE=0,
ALL
ALL
ALL
ALL
ALL
Cob
-20
pF
f=1MHz
Current-Gain-Bandwidth Product
IC=50mA, VCE=1V
2N6714/6716
2N6714/6716
2N6714/6716
2N6714/6716
2N6714/6716
fT
50
500
MHz
2N6715
2N6715
2N6715
2N6715
2N6715
50
400
MHz
2N6714
2N6715
2N6716



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com