Electronic Components Datasheet Search
  English  ▼

X  

2N6288 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6288
Description  NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6288 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6288 Datasheet HTML 1Page - Continental Device India Limited 2N6288 Datasheet HTML 2Page - Continental Device India Limited 2N6288 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Base current
IB
max.
3.0 A
Total power dissipation up to TC = 25°C
Ptot
max.
40 W
Derate above 25°C
max.
0.32 W/°C
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
=
3.125 ° C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
IB = 0; VCE = 20 V
ICEO
max.
1.0 mA
VBE = 1.5 V; VCE = 40 V
ICEX
max.
0.1 mA
VBE = 1.5 V; VCE = 30 V; TC = 150°C
ICEX
max.
2.0 mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1 mA
Breakdown voltages
IC = 0.1 A; IB = 0
VCEO(sus)*
min.
30 V
IC = 1 mA; IE = 0
VCBO
min.
40 V
IE = 1 mA; IC = 0
VEBO
min.
5.0 V
Saturation voltages
IC = 3 A; IB = 0.3 A
VCEsat*
max.
1.0 V
IC = 7 A; IB = 3 A
VCEsat*
max.
3.5 V
Base emitter on voltage
IC = 3 A; VCE = 4 V
VBE(on)*
max.
1.5 V
IC = 7 A; VCE = 4 V
VBE(on)*
max.
3.0 V
D.C. current gain
IC = 3 A; VCE = 4 V
hFE*
min.
30
max.
150
IC = 7 A; VCE = 4 V
hFE*
min.
2.3
Small signal current gain
IC = 0.5 A; VCE = 4 V; f = 50 KHz
hfe
min.
20
Output capacitance at f = 1 MHz
IE = 0; VCB = 10 V
Co
max.
250 pF
Transition frequency
IC = 0.5 A; VCE = 4 V; f = 1.0 MHz
fT (1)
min.
4 MHz
* Pulsed: pulse duration
≤ 300 µs; duty cycle ≤ 2%.
(1) fT = |hfe|• ftest
2N6288



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com