Electronic Components Datasheet Search
  English  ▼

X  

2N6520 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6520
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6520 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6520 Datasheet HTML 1Page - Continental Device India Limited 2N6520 Datasheet HTML 2Page - Continental Device India Limited 2N6520 Datasheet HTML 3Page - Continental Device India Limited 2N6520 Datasheet HTML 4Page - Continental Device India Limited 2N6520 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N6515, 2N6519
2N6516, 2N6520
2N6517
TO-92
Plastic Package
HIGH VOLTAGE TRANSISTORS
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2N6515 2N6516 2N6517
UNIT
2N6519 2N6520
Collector Emitter Voltage
VCEO
250
300
350
V
Collector Base Voltage
VCBO
250
300
350
V
Emitter Base Voltage
VEBO
NPN-------------------6------------------
V
PNP-------------------5------------------
V
Collector Current Continuous
IC
500
mA
Base Current (Continuous)
IB
250
mA
Total Power Dissipation @ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5.0
mW/ºC
Operating And Storage Junction
Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage BVCEO*IC=1mA,IB=0
2N6515
250
V
2N6516, 6519
300
V
2N6517, 6520
350
V
Collector Base Breakdown Voltage
BVCBO IC=100µA,IE=0
2N6515
250
V
2N6516, 6519
300
V
2N6517, 6520
350
V
Emitter Base Breakdown Voltage
BVEBO IE=10µA, IC=0
NPN
6V
PNP
5V
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6520 ONSEMI-2N6520 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6520 ZETEX-2N6520 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6520 SAMSUNG-2N6520 Datasheet
105Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6520 FAIRCHILD-2N6520 Datasheet
70Kb / 5P
PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6520 MCC-2N6520 Datasheet
427Kb / 6P
High Voltage Transistor 625mW
More results

Similar Description - 2N6520

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com