Electronic Components Datasheet Search
  English  ▼

X  

2N6101 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6101
Description  NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6101 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6101 Datasheet HTML 1Page - Continental Device India Limited 2N6101 Datasheet HTML 2Page - Continental Device India Limited 2N6101 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Total power dissipation up to TC = 25°C
Ptot
max.
75 W
Derate above 25°C
max.
0.6 W/°C
Total power dissipation up to TA = 25°C
Ptot
max.
1.8 W
Derate above 25°C
max. 0.0144 W/°C
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to ambient
Rth j–a
70 °C/W
From junction to case
Rth j–c
1.67 °C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
VBE = 1.5 V; VCE = 75 V
ICEX
max.
2.0 mA
VBE = 1.5 V; VCE = 75 V; TC = 150°C
ICEX
max.
10 mA
IB = 0; VCE = 60 V
ICEO
max.
2.0 mA
Emitter cut-off current
IC = 0; VEB = 8 V
IEBO
max.
1.0 mA
Breakdown voltages
IC = 200 mA; IB = 0
VCEO(sus)*
min.
70 V
IC = 1 mA; IE = 0
VCBO
min.
80 V
IE = 1 mA; IC = 0
VEBO
min.
8.0 V
Saturation voltage
IC = 10 A; IB = 2 A
VCEsat*
max.
2.5 V
Base emitter on voltage
IC = 5 A; VCE = 4 V
VBE(on)*
max.
1.7 V
D.C. current gain
IC = 5 A; VCE = 4 V
hFE*
min.
20
max.
80
IC = 10 A; VCE = 4 V
hFE*
min.
5.0
Small signal current gain
IC = 0.5 A; VCE = 4 V; f = 0.1 MHz
|hfe|
min.
8.0
max.
28
IC = 0.5 A; VCE = 4 V; f = 1 KHz
hfe
min.
15
* Pulsed: pulse duration = 300 µs; Duty factor = 0.018.
2N6101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com