Electronic Components Datasheet Search
  English  ▼

X  

892019 Datasheet(PDF) 9 Page - Alpha Wire

Part # 892019
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892019 Datasheet(HTML) 9 Page - Alpha Wire

Back Button 892019 Datasheet HTML 5Page - Alpha Wire 892019 Datasheet HTML 6Page - Alpha Wire 892019 Datasheet HTML 7Page - Alpha Wire 892019 Datasheet HTML 8Page - Alpha Wire 892019 Datasheet HTML 9Page - Alpha Wire 892019 Datasheet HTML 10Page - Alpha Wire 892019 Datasheet HTML 11Page - Alpha Wire 892019 Datasheet HTML 12Page - Alpha Wire 892019 Datasheet HTML 13Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
385
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
MIL-W-76 Type HW
Operating Temperature
• -20°C to +80°C
Materials
• Stranded tinned copper
conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part
No.
Wire Size
Stranding
Insulation Thickness Nominal Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
1579
14
2.08
41/30
41 x 0.25
0.045
1.14
0.164
4.17
1651
12
3.29
65/30
65 x 0.25
0.045
1.14
0.183
4.65
1653
10
5.32
105/30
105 x 0.25
0.045
1.14
0.210
5.33
1655
8
8.61
133/29
133 x 0.28
0.045
1.14
0.259
6.58
Insulation Colors
White
Black
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com