Electronic Components Datasheet Search
  English  ▼

X  

MAAM-010513 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010513
Description  Amplifier, Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010513 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010513 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010513 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010513 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010513 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010513 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010513 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Amplifier, Driver
40.5 - 43.5 GHz
Rev. V4
MAAM-010513
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications:
Freq: 40.5 - 43.5 GHz, TA = 25°C, VD = 4 V, ID1 = ID2 = 100 mA, ID3 = 200 mA
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain
dB
19
23
27
Input Return Loss
dB
-
12
-
Output Return Loss
dB
-
15
-
Reverse isolation
dB
-
50
-
Output P1dB
dBm
-
23
-
Output IP3
dBm
27
32
-
Saturated Output Power
dBm
21
25
-
Quiescent Current
3
mA
-
400
500
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Max.
Drain Voltage
+4.3 V
Gate Bias Voltage
-1.5V < Vg < 0V
Input Power
+10 dBm
Junction Temperature7
150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +150°C
3. Adjust Vg between –1.0 and –0.1 V to achieve specified current. Typical 400 mA = 100 (ID1) + 100 (ID2) + 200 (ID3)
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Human Body Model Class 1B and Machine Model
Class A devices.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near
these survivability limits.
6. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 26° C/W.
a) For TC = 25°C,
TJ = 67°C @ 4 V, 400 mA
b) For TC = 85°C,
TJ = 127°C @ 4 V, 400 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com