Electronic Components Datasheet Search
  English  ▼

X  

RSLIDE22 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RSLIDE22
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RSLIDE22 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RSLIDE22 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
RSLIDE22
NOTES
Long life ball bearing slides
Sold in Pairs
Maximum Weight 130 lbs (Pair)
Comes with assembly hardware. 2 slides, 4 brackets
Some Assembly Required
OUTSIDE VIEW
INSIDE VIEW
22.00 in
559 mm
CLOSED
LENGTH
22.50 in
572 mm
EXTENSION
LENGTH
.24 in
6 mm
21.23 in
539 mm
6X
O0.17 X 0.37
SLOT
.94 in
24 mm
SLIDE RAIL MOUNT BRACKETS
4.00 in
102 mm
2.68 in
68 mm
.18 in
4 mm
.50 in
13 mm
1.96 in
50 mm
.27 in
7 mm
.54 in
14 mm
1.96 in
50 mm
.96 in
24 mm
.21 in
5 mm
1.75 in
44 mm
O0.19 X 1.50
SLOT
5X
O0.25X 0.31
SLOT
ASSEMBLED VIEW
1.52 in
39 mm
1.26 in
32 mm
10.08 in
256 mm
.38 in
10 mm
TYP
1.02 in
26 mm
.36 in
9 mm
TYP
1.55 in
39 mm
3.49 in
89 mm
11.34 in
288 mm
2.97 in
75 mm
.43 in
11 mm
O
.17 in
4 mm
1.84 in
47 mm
.50 in
13 mm
7.56 in
192 mm
O
.18 in
5 mm
TYP
O
.25 in
6 mm
TYP


Similar Part No. - RSLIDE22

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RSLIDE22 HAMMOND-RSLIDE22 Datasheet
56Kb / 1P
Glissieres pour equipement, pour montage sur quatre montants
More results

Similar Description - RSLIDE22

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com