Electronic Components Datasheet Search
  English  ▼

X  

AL6Q-M2lP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AL6Q-M2lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6Q-M2lP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AL6Q-M2lP Datasheet HTML 2Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 3Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 9Page - List of Unclassifed Manufacturers AL6Q-M2lP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
16mm A6
462
www.idec.com
Switches & Pilot Devices
AL6 Pilot Lights (Assembled)
LED Pilot Lights
Description
Part Number
Dustproof (IP40)
Oiltight (IP65)
Round (18mm Lens)
AL6M-Pl-k
AL6M-PlP-k
Square (18mm Lens)
AL6Q-Pl-k
AL6Q-PlP-k
Rectangular (18mm x 24mm Lens)
AL6H-Pl-k
AL6H-PlP-k
1. In place of k, specify Lens Color Code from table below.
2. In place of l, specify Voltage Code from table below.
3. LEDs also available in 5V DC, 6V AC/DC or 12 V AC/DC, change “4” using voltage codes (ie AL6M-P3-k uses
12V AC/DC LED).
4. LED is included and contains built-in current limiting resistor and reverse polarity protection diode. (no
external resistor required)
5. To order sub-assembled, see page 463.
6. For accessories, see page 466.
7. For dimensions, see page 468.
8. For one piece pilot lights and/or dome lens pilot lights, see AP series miniature pilot lights.
kLens/LED Color Code
Color
Code
Amber
A
Green
G
Red
R
Blue
S
Warm White
W
Cool White
JW
Yellow
Y
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4
lVoltage Code
Voltage
Code
5V DC
1
6V AC/DC
2
12V AC/DC
3
24V AC/DC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com