Electronic Components Datasheet Search
  English  ▼

X  

AL6H-M2lP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL6H-M2lP
Description  A6 Series Miniature Switches and Pilot Devices 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL6H-M2lP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL6H-M2lP Datasheet HTML 4Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 5Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 6Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 7Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 8Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 9Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 10Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 11Page - List of Unclassifed Manufacturers AL6H-M2lP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
16mm A6
464
www.idec.com
Switches & Pilot Devices
AS6 Selector and Keylock Switches
AS6 Selector Switches and Keylock Switches (2 & 3 Position)
Style
Function
Knob
Key
Round Selector
Round Keylock
Maintained
L
R
AS6M-2Y2P
AS6M-2KT2Pj
Spring Return
Right
L
R
AS6M-21Y2P
AS6M-21KT2PB
Maintained
L
C
R
AS6M-3Y2P
AS6M-3KT2Pj
Spring Return
Right gCenter
L
C
R
AS6M-31Y2P
AS6M-31KT2Pj
Spring Return
Left gCenter
L
C
R
AS6M-32Y2P
AS6M-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6M-33Y2P
AS6M-33KT2PD
Square Selector
Square Keylock
Maintained
L
R
AS6Q-2Y2P
AS6Q-2KT2Pj
Spring Return to
Right
L
R
AS6Q-21Y2P
AS6Q-21KT2PB
Maintained
L
C
R
AS6Q-3Y2P
AS6Q-3KT2Pj
Spring Return
RightgCenter
L
C
R
AS6Q-31Y2P
AS6Q-31KT2Pj
Spring Return
Left gCenter
L
C
R
AS6Q-32Y2P
AS6Q-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6Q-33Y2P
AS6Q-33KT2PD
Rectangular Selector
Rectangular Keylock
Maintained
L
R
AS6H-2Y2P
AS6H-2KT2Pj
Spring Return
Right
L
R
AS6H-21Y2P
AS6H-21KT2PB
Maintained
L
C
R
AS6H-3Y2P
AS6H-3KT2Pj
Spring Return
Right gCenter
L
C
R
AS6H-31Y2P
AS6H-31KT2Pj
Spring Return
LeftgCenter
L
C
R
AS6H-32Y2P
AS6H-32KT2Pj
2-Way
ReturngCenter
L
C
R
AS6H-33Y2P
AS6H-33KT2PD
1. All models are IP65 and DPDT.
2. In place of j, specify Key Retention Code. See table on right.
3. Available as assembled units only.
4. For accessories, see page 466.
5. For dimensions, see page 468.
Contact Operations
(for all selectors)
Contents
Operator Position
& Contact Operation
2-pos. (DPDT)
Left
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
3-pos. (DPDT)
Left
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
Center
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
jKey Retention Codes
Code
Description
A
Key not retained in any position
(removable in all positions)
B
Key retained in right position only
C
Key retained in left position only
D
Key retained in left and right
(3 position only)
E
Key retained in center only
(3 position only)
G
Key retained right and center
(3 position only)
H
Key retained left and center
(3 position only)
Key cannot be removed in a spring return
position.
Contact Operations
(for all selectors)
Contents
Operator Position
& Contact Operation
2-pos. (DPDT)
Left
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
3-pos. (DPDT)
Left
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
Center
Left
Contact
NO
C
NC
Right
Contact
NO
C
NC
Right
NO
C
NC NO
C
NC
Left
Contact
Right
Contact
jKey Retention Codes
Code
Description
A
Key not retained in any position
(removable in all positions)
B
Key retained in right position only
C
Key retained in left position only
D
Key retained in left and right
(3 position only)
E
Key retained in center only
(3 position only)
G
Key retained right and center
(3 position only)
H
Key retained left and center
(3 position only)
Key cannot be removed in a spring return
position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com