Electronic Components Datasheet Search
  English  ▼

X  

PTB20003 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20003
Description  4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20003 Datasheet(HTML) 1 Page - Ericsson

  PTB20003 Datasheet HTML 1Page - Ericsson PTB20003 Datasheet HTML 2Page - Ericsson PTB20003 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
1.7
Adc
Total Device Dissipation at Tflange = 25°C
PD
35
Watts
Above 25°C derate by
0.2
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
5.0
°C/W
PTB 20003
4 Watts, 915–960 MHz
Cellular Radio RF Power Transistor
Description
The 20003 is a class AB, NPN, common emitter RF power transistor
intended for 25 Vdc operation across the 915 to 960 MHz frequency
band. Rated at 4 Watts minimum output power, it may be used for
both CW and PEP applications. Ion implantation, nitride surface
passivation and gold metallization are used to ensure excellent device
reliability. 100% lot traceability is standard.
• Specified 25 Volts
• 4 Watts, 915–960 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 4 Watts
• Gold Metallization
• Silicon Nitride Passivated
0
2
4
6
8
10
12
0.00
0.15
0.30
0.45
0.60
0.75
Input Power (Watts)
VCC = 25 V
ICQ = 50 mA
f = 960 MHz
Typical Output Power vs. Input Power
Package 20201
20003
20003
20003
20003
20003
LOT
CODE
9/28/98


Similar Part No. - PTB20003

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20004 ERICSSON-PTB20004 Datasheet
47Kb / 3P
50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20003

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20095 ERICSSON-PTB20095 Datasheet
44Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20097 ERICSSON-PTB20097 Datasheet
47Kb / 3P
40 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20145 ERICSSON-PTB20145 Datasheet
41Kb / 3P
9 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20258 ERICSSON-PTB20258 Datasheet
209Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com