Electronic Components Datasheet Search
  English  ▼

X  

PTB20004 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20004
Description  50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20004 Datasheet(HTML) 1 Page - Ericsson

  PTB20004 Datasheet HTML 1Page - Ericsson PTB20004 Datasheet HTML 2Page - Ericsson PTB20004 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
0
10
20
30
40
50
60
02468
10
Input Power (Watts)
VCC = 25 V
ICQ = 200 mA
f = 900 MHz
Typical Output Power vs. Input Power
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
10.0
Adc
Total Device Dissipation at Tflange = 25°C
PD
175
Watts
Above 25°C derate by
1.0
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
1.0
°C/W
PTB 20004
50 Watts, 860–900 MHz
Cellular Radio RF Power Transistor
Description
The 20004 is a class AB, NPN, common emitter RF power transistor
intended for 25 Vdc operation across the 860 to 900 MHz frequency
band. Rated at 50 watts minimum output power, it may be used for
both CW and PEP applications. Ion implantation, nitride surface
passivation and gold metallization are used to ensure excellent device
reliability. 100% lot traceability is standard.
• 50 Watts, 860–900 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 50 Watts
• Gold Metallization
• Silicon Nitride Passivated
Package 20200
20004
LOT
CODE
9/28/98


Similar Part No. - PTB20004

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20004

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20017 ERICSSON-PTB20017 Datasheet
44Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20038 ERICSSON-PTB20038 Datasheet
44Kb / 2P
25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20053 ERICSSON-PTB20053 Datasheet
46Kb / 3P
60 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20111 ERICSSON-PTB20111 Datasheet
47Kb / 3P
85 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20134 ERICSSON-PTB20134 Datasheet
42Kb / 2P
30 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com