Electronic Components Datasheet Search
  English  ▼

X  

PTB20007 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20007
Description  30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20007 Datasheet(HTML) 1 Page - Ericsson

  PTB20007 Datasheet HTML 1Page - Ericsson PTB20007 Datasheet HTML 2Page - Ericsson PTB20007 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
PTB 20007
30 Watts, 935–960 MHz
Cellular Radio RF Power Transistor
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
10
Adc
Total Device Dissipation at Tflange = 25°C
PD
175
Watts
Above 25°C derate by
1.0
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
1.0
°C/W
20007
LOT
CODE
Description
The 20007 is a class AB, NPN, common emitter RF power transistor
intended for 24 Vdc operation across the 935 to 960 MHz frequency
band. Rated at 30 watts minimum output power, it may be used for
both CW and PEP applications. Ion implantation, nitride surface
passivation and gold metallization are used to ensure excellent device
reliability. 100% lot traceability is standard.
• 30 Watts, 935–960 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 30 Watts
• Gold Metallization
• Silicon Nitride Passivated
Package 20200
0
10
20
30
40
50
60
02468
10
Input Power (Watts)
VCC = 24 V
ICQ = 200 mA
f = 960 MHz
Typical Output Power vs. Input Power
9/28/98


Similar Part No. - PTB20007

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20004 ERICSSON-PTB20004 Datasheet
47Kb / 3P
50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20007

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20009 ERICSSON-PTB20009 Datasheet
39Kb / 2P
2.5 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20135 ERICSSON-PTB20135 Datasheet
47Kb / 3P
85 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com