Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 6A05
Description  GENERAL PURPOSE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

6A05 Datasheet(HTML) 1 Page - Continental Device India Limited

  6A05 Datasheet HTML 1Page - Continental Device India Limited 6A05 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL PURPOSE SILICON RECTIFIER
6A05 - 6A10
R-6
Plastic Leaded Package
High Surge Current Capability
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at TA = 25
oC unless specified otherwise, single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%)
UNIT
6A05
6A1
6A2
6A4
6A6
6A8
6A10
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
single half sine-wave superimposed on
rated load (JEDEC method)
VF
V
Maximum Reverse Current
TA = 25
oC
at Rated DC Blocking Voltage
TA = 125
oC
Cj
pF
Typical Thermal Resistance (Note2)
RQJA
oC/W
Tj, Tstg
oC
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal Resistance junction to ambient and from junction to lead at 0.375" (9.5mm) lead length PCB mounted
with 1.0x1.1" (30x30mm) Copper pads .
6A05_10 Rev210706D
DESCRIPTION
Peak Forward Surge Current, 8.3ms
10.0
1.10
VALUE
6.0
400.0
SYMBOL
Maximum Forward Voltage @ 6.0A DC and 25ºC
IR
Typical Junction Capacitance (Note1)
Operating and Storage Temperature Range
150
-55 to +150
20.0
0.375" (9.5mm) Lead Length at TA = 60ºC
IFSM
1000
A
A
µΑ
I(AV)
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
1A1 CHENDA-1A1 Datasheet
583Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N5400 CHENDA-1N5400 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
BY127 CHENDA-BY127 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL201 CHENDA-RL201 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL251 CHENDA-RL251 Datasheet
546Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S_V01 Datasheet
624Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com