Electronic Components Datasheet Search
  English  ▼

X  

2N6487 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6487
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6487 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6487 Datasheet HTML 1Page - Continental Device India Limited 2N6487 Datasheet HTML 2Page - Continental Device India Limited 2N6487 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
2N6486, 6487, 6488
NPN PLASTIC POWER TRANSISTORS
2N6489, 6490, 6491
PNP PLASTIC POWER TRANSISTORS
General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
6486 6487 6488
6489 6490 6491
Collector-base voltage (open emitter)
VCBO
max. 50
70
90
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
V
Collector current
IC
max.
15
A
Total power dissipation up to TC = 25°C
Ptot
max.
75
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 5 A; IB = 0.5 A
VCEsat max.
1.3
V
D.C. current gain
IC = 5 A; VCE = 4 V
hFE
min.
20
max.
150
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
6486 6487 6488
6489 6490 6491
Collector-base voltage (open emitter)
VCBO
max. 50
70
90
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
2N6486, 2N6487, 2N6488
2N6489, 2N6490, 2N6491
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6487

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6487 MOSPEC-2N6487 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
151Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6487 STMICROELECTRONICS-2N6487 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Apr-1999
logo
Boca Semiconductor Corp...
2N6487 BOCA-2N6487 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6487 CENTRAL-2N6487 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N6487

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com