Electronic Components Datasheet Search
  English  ▼

X  

2N6124 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6124
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6124 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6124 Datasheet HTML 1Page - Continental Device India Limited 2N6124 Datasheet HTML 2Page - Continental Device India Limited 2N6124 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
4.0
A
Collector current (Peak)
ICM
max.
7.0
A
Base current
IB
max.
1.0
A
Total power dissipation up to TC = 25°C Ptot
max.
40
W
Derate above 25°C
max.
320
mW/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
3.12
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
6121 6122 6123
6124 6125 6126
Collector cutoff current
IB = 0; VCE = 45 V
ICEO
max. 1.0
–
–
mA
IB = 0; VCE = 60 V
ICEO
max. –
1.0
–
mA
IB = 0; VCE = 80 V
ICEO
max. –
–
1.0 mA
VEB(off) = 1.5 V; VCE = 45 V
ICEX
max. 0.1
–
–
mA
VEB(off) = 1.5 V; VCE = 60 V
ICEX
max. –
0.1
–
mA
VEB(off) = 1.5 V; VCE = 85 V
ICEX
max. –
–
0.1 mA
VEB(off) = 1.5 V; VCE = 45 V; TC = 125°C
ICEXmax. 2.0
–
– mA
VEB(off) = 1.5 V; VCE = 60 V; TC = 125°C
ICEXmax. –
2.0 – mA
VEB(off) = 1.5 V; VCE = 80 V; TC = 125°C
ICEXmax. –
–
2.0
mA
IE = 0; VCB = 45 V
ICBO
max. 0.1
–
–
mA
IE = 0; VCB = 60 V
ICBO
max. –
0.1
–
mA
IE = 0; VCB = 80 V
ICBO
max. –
–
0.1 mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)*
min. 45
60
80 V
IC = 1 mA; IE = 0
VCBO
min. 45
60
80 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 1.5 A; IB = 0.15 A
VCEsat*
max.
0.6
V
IC = 4 A; IB = 1.0 A
VCEsat*
max.
1.4
V
Base-emitter on voltage
IC = 1.5 A; VCE = 2 V
VBE(on)*
max.
1.2
V
D.C. current gain
IC = 1.5 A; VCE = 2 V
hFE*
min. 25
25
20
max.100 100
80
IC = 4 A; VCE = 2 V
hFE*
min. 10
10
7.0
Small signal current
IC = 0.1 A; VCE = 2 V; f = 1.0 KHz hfe
min.
25
Transition frequency at f = 1 MHz
IC = 1 A; VCE = 4 V
fT
min.
2.5
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
2N6121, 2N6122, 2N6123
2N6124, 2N6125, 2N6126



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com