Electronic Components Datasheet Search
  English  ▼

X  

2N6292 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6292
Description  PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6292 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6292 Datasheet HTML 1Page - Continental Device India Limited 2N6292 Datasheet HTML 2Page - Continental Device India Limited 2N6292 Datasheet HTML 3Page - Continental Device India Limited 2N6292 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLASTIC POWER TRANSISTORS
2N6107 PNP
2N6292 NPN
TO-220
Plastic Package
General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Collector Emitter Voltage (RBE= 100Ω
Ω)
VCER
V
Emitter Base Voltage
VEBO
V
Collector Current (Peak)
ICM
A
Collector Current Continuous
IC
A
Base Current
IB
A
Power Dissipation upto Tc=25ºC
PD
W
Derating factor above 25ºC
W/ºC
Power Dissipation upto Ta=25ºC
PD
W
Derating factor above 25ºC
mW/ºC
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICEO
VCE=60V, IB=0
1.0
mA
Collector Cut off Current
ICEX
VEB(off) =1.5V; VCE=80V
0.1
mA
VEB(off) =1.5V; VCE=70V;
Tc=150ºC
2.0
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=100mA, IB=0
70
V
Collector Emitter Saturation Voltage
*VCE(sat)
IC=3A, IB=0.3A
1.0
V
IC=7A, IB=3.0A
3.5
V
Base Emitter on Voltage
*VBE(on)
IC=2A, VCE=4V
1.5
V
IC=7A, VCE=4V
3.0
V
DC Current Gain
*hFE
IC=2A, VCE=4V
30
150
IC=7A, VCE=4V
2.3
*Pulse Test : Pulse duration<300
µµs; Duty cycle<1.5%
2N6107_6292Rev_3 190905E
VALUE
80
70
80
5
10
7
3
40
2
16
0.32
150
- 65 to 150
3.125
62.50
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6292

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6292 MOSPEC-2N6292 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
logo
ON Semiconductor
2N6292 ONSEMI-2N6292 Datasheet
149Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
logo
Boca Semiconductor Corp...
2N6292 BOCA-2N6292 Datasheet
101Kb / 3P
EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Central Semiconductor C...
2N6292 CENTRAL-2N6292 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6292 ONSEMI-2N6292 Datasheet
73Kb / 8P
Complementary Silicon Plastic Power Transistors
April, 2002 ??Rev. 5
More results

Similar Description - 2N6292

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com