Electronic Components Datasheet Search
  English  ▼

X  

2N6035 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N6035
Description  SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6035 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N6035 Datasheet HTML 1Page - Continental Device India Limited 2N6035 Datasheet HTML 2Page - Continental Device India Limited 2N6035 Datasheet HTML 3Page - Continental Device India Limited 2N6035 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON POWER DARLINGTON TRANSISTORS
(PNP)
2N6034, 2N6035, 2N6036
(NPN)
2N6037, 2N6038, 2N6039
TO126
Plastic Package
Designed for General -Purpose Amplifier & Low Speed Switching Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2n6034 2N6035 2N6036
UNIT
2n6037 2N6038 2N6039
Collector -Base Voltage
VCBO
40
60
80
V
Collector -Emitter Voltage
VCEO
40
60
80
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
4.0
A
Collector Current (Peak Value)
8.0
A
Base Current
IB
100
mA
Total Power Dissipation @ Tc=25ºC
PD
40
W
Derate above 25
oC
0.32
W/ºC
Total Power Dissipation @ Ta=25ºC
PD
1.5
W
Derate above 25
oC
0.012
W/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
83.3
ºC/W
Junction to case
Rth(j-c)
3.12
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter (sus) Voltage
VCEO(sus)
IC=100mA, IB=0
2N6034,2N6037
40
V
2N6035, 2N6038
60
V
2N6036, 2N6039
80
V
Collector Cut off Current
2N6034,2N6037
ICEO
VCE=40V, IB=0
100
µA
2N6035, 2N6038
VCE=60V, IB=0
100
µA
2N6036, 2N6039
VCE=80V, IB=0
100
µA
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N6035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6035 STMICROELECTRONICS-2N6035 Datasheet
174Kb / 4P
MIDIUM POWER DAR;OMGTONS
Jan-1989
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6035 SAVANTIC-2N6035 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
More results

Similar Description - 2N6035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com