Electronic Components Datasheet Search
  English  ▼

X  

2N6036 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6036
Description  SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6036 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6036 Datasheet HTML 1Page - Continental Device India Limited 2N6036 Datasheet HTML 2Page - Continental Device India Limited 2N6036 Datasheet HTML 3Page - Continental Device India Limited 2N6036 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON POWER DARLINGTON TRANSISTORS
(PNP)
2N6034, 2N6035, 2N6036
(NPN)
2N6037, 2N6038, 2N6039
TO126
Plastic Package
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
2N6034,2N6037
ICEX
VCE=40V,VBE(off)=1.5V
100
µA
2N6035, 2N6038
VCE=60V,VBE(off)=1.5V
100
µA
2N6036, 2N6039
VCE=80V,VBE(off)=1.5V
100
µA
Tc=125
OC
2N6034,2N6037
VCE=40V,VBE(off)=1.5V
500
µA
2N6035, 2N6038
VCE=60V,VBE(off)=1.5V
500
µA
2N6036, 2N6039
VCE=80V,VBE(off)=1.5V
500
µA
Collector cut off Current
2N6034,2N6037
ICBO
VCB=40, IE=0
0.5
m
Α
2N6035, 2N6038
VCB=60, IE=0
0.5
m
Α
2N6036, 2N6039
VCB=80, IE=0
0.5
m
Α
Emitter Cut off Current
IEBO
VBE=5V,IC=0
2.0
mA
DC Current Gain
hFE
IC=0.5A, VCE=3V
500
IC=2A, VCE=3V
750
15000
IC=4A, VCE=3V
100
Collector Emitter Saturation Voltage
VCE(Sat)
IC=2A,IB=8mA
2.0
V
IC=4A,IB=40mA
3.0
V
Base Emitter Saturation Voltage
VBE(sat)
IC=4A,IB=40mA
4.0
V
Base Emitter on Voltage
VBE(on)
IC=2A,IB=VCE=3V
2.8
V
Dynamic Characteristics
Small Signal Current Gain
l hfe l
IC=0.75A,VCE=10V
25
f=1MHz
Output Capacitance
Cob
VCB=10V, IE=0,
PNP
f=0.1MHz
200
pF
NPN
100
pF
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com