Electronic Components Datasheet Search
  English  ▼

X  

OPB360P51 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPB360P51
Description  0.125 (3.175 mm) slot width
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB360P51 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPB360P51 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPB360P51 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 1 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
RoHS
Features:
• 0.125” (3.175 mm) slot width
• Choice of aperture (0.050” or 0.010” width)
• Choice of opaque or IR transmissive shell material
• Choice of mounting configurations
• Choice of lead spacing or wires
Description:
The slotted optical sensors in this series provide the flexibility of a custom device from a standard product line.
Building from a standard housing with a 0.125” (3.18mm) wide slot, the user can specify output logic state, output
driver circuit, aperture width, aperture surface and mounting tab locations. Furthermore, an option of wire or PCB
leads allows electrical interface flexibility.
The device body is an opaque plastic which minimizes sensitivity to both visible and near-infrared external light
sources which may impact operation. Aperture width choices provide different optical resolution for motion
sensing. A covered aperture provides dust protection, while an open aperture provides maximum protection
against external light sources.
Phototransistor sensor devices are: OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880,
OPB890. The OPB355 provides a photodiode detector, which has a lower linear output-versus-light.
Wide electrical output current ranges are available. LED emissions are near-infrared (850-940nm).
Custom electrical, wire and cabling services are available.
Contact your local representative or OPTEK for more information. Compliant to EU RoHS Directive 2002/95/EC.
Product Photo Here
Applications:
• Non-contact object sensing
• Assembly line automation
• Machine automation
• Equipment safety
• Machine safety
OPB360, OPB370, OPB380, OPB390
OPB859
OPB860, OPB870, OPB880, OPB890
2
4
1
3
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND Industries’ Vibra-Tite for thread-locking.
ND Vibra-Tite Formula 3 evaporates fast without causing structural failure in OPTEK’s
molded plastics.
Applies to: OPB360, OPB370, OPB380, OPB390
and OPB860, OPB870, OPB880, OPB890.
OPB355
2
4
1
3
Color #
Description
1
Red
2
Black
3
White
4
Green
Wire Colors


Similar Part No. - OPB360P51

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB360 OPTEK-OPB360 Datasheet
538Kb / 10P
Slotted Optical Switch
logo
List of Unclassifed Man...
OPB360 ETC-OPB360 Datasheet
484Kb / 10P
Slotted Optical Switch
OPB360 ETC-OPB360 Datasheet
479Kb / 10P
Slotted Optical Switch
OPB360 ETC2-OPB360 Datasheet
479Kb / 10P
Slotted Optical Switch
More results

Similar Description - OPB360P51

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
(2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
EE-SX3350 OMRON-EE-SX3350 Datasheet
1Mb / 6P
Compact Slot / SMD Type (Slot width: 5 mm)
logo
PHOENIX CONTACT
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
6.2 mm narrow design width
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
DIN rail, width: 53 mm, height: 80 mm
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
2727501 PHOENIX-2727501 Datasheet
75Kb / 3P
Labeling field, width: 12.2 mm
logo
Bel Fuse Inc.
LDW480 BEL-LDW480 Datasheet
569Kb / 4P
Only 73 mm width aluminum enclosure
logo
Omron Electronics LLC
EE-SX3340 OMRON-EE-SX3340 Datasheet
1Mb / 6P
Compact Slot / SMD Type (Slot width: 4 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com