Electronic Components Datasheet Search
  English  ▼

X  

2N5680 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5680
Description  PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5680 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5680 Datasheet HTML 1Page - Continental Device India Limited 2N5680 Datasheet HTML 2Page - Continental Device India Limited 2N5680 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
2N5679
2N5681
2N5680
2N5682
PNP
NPN
TO-39
TO-39
These Are High Voltage & High Current, General Purpose Transistors
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
2N5679
2N5680
UNITS
2N5681
2N5682
Collector -Emitter Voltage
VCEO
100
120
V
Collector -Base Voltage
VCBO
100
120
V
Emitter -Base Voltage
VEBO
4.0
V
Collector Current Continuous
IC
1.0
A
Base Current
IB
0.5
A
Power Dissipation @Ta=25 degC
PD
1.0
W
Derate Above 25deg C
5.7
mW/deg C
Power Dissipation @Tc=25 degC
PD
10
W
Derate Above 25deg C
57
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
17.5
deg C/W
Junction to Ambient
Rth(j-a)
175
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
2N5679
2N5680
UNITS
2N5681
2N5682
Collector -Emitter Voltage
VCEO(sus) IC=10mA,IB=0
>100
>120
V
Collector-Cut off Current
ICBO
VCB=100V, IE=0
<1.0
-
uA
VCB=120V, IE=0
-
<1.0
uA
ICEO
VCE=70V, IB=0
<10
-
uA
VCE=80V, IB=0
-
<10
uA
ICEX
VCE=100V,VEB=1.5V
<1.0
-
uA
VCE=120V,VEB=1.5V
-
<1.0
uA
TC=150 deg C
VCE=100V,VEB=1.5V
<1.0
-
mA
VCE=120V,VEB=1.5V
-
<1.0
mA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
<1.0
<1.0
uA
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5680

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5680 SEME-LAB-2N5680 Datasheet
20Kb / 2P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5680 BOCA-2N5680 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5680 CENTRAL-2N5680 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5680 ETC-2N5680 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N5680 MICROSEMI-2N5680 Datasheet
56Kb / 2P
PNP POWER TRANSISTOR SILICON AMPLIFIER
More results

Similar Description - 2N5680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Boca Semiconductor Corp...
2N5679 BOCA-2N5679 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
NXP Semiconductors
BF485PN PHILIPS-BF485PN Datasheet
89Kb / 8P
NPN/PNP high voltage transistors
2000 Aug 02
logo
TRANSYS Electronics Lim...
2N5679 TEL-2N5679 Datasheet
64Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
ON Semiconductor
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
PNP Silicon High-Voltage Transistors
2007-03-29
logo
New Jersey Semi-Conduct...
DTS401 NJSEMI-DTS401 Datasheet
91Kb / 1P
NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com