Electronic Components Datasheet Search
  English  ▼

X  

2N5401 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5401
Description  PNP EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5401 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5401 Datasheet HTML 1Page - Continental Device India Limited 2N5401 Datasheet HTML 2Page - Continental Device India Limited 2N5401 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5401
TO-92
CBE
High Voltage PNP Transistor For General Purpose And Telephony Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
150
V
Collector -Base Voltage
VCBO
160
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
625
mW
Derate Above 25 deg C
5.0
mw/deg C
Power Dissipation @Tc=25 degC
PD
1.5
W
Derate Above 25 deg C
12
mw/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
83.3
deg C/W
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=1mA,IB=0
150
-
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
160
-
-
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=-0
5.0
-
-
V
Collector-Cut off Current
ICBO
VCB=160V, IE=0
-
-
50
nA
Ta=100 deg C
VCB=160V, IE=0
-
-
50
uA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
-
-
50
nA
DC Current Gain
hFE*
IC=1mA,VCE=5V
50
-
-
IC=10mA,VCE=5V
60
-
240
IC=50mA,VCE=5V
50
-
-
Collector Emitter Saturation Voltage
VCE(Sat)* IC=10mA,IB=1mA
-
-
0.2
V
IC=50mA,IB=5mA
-
-
0.5
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=10mA,IB=1mA
-
-
1.0
V
IC=50mA,IB=5mA
-
-
1.0
V
Continental Device India Limited
Data Sheet
Page 1 of 3
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
PNP high-voltage transistor
1999 Apr 08
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N5401 SEMTECH-2N5401 Datasheet
124Kb / 2P
PNP Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications???
logo
Fairchild Semiconductor
2N5401 FAIRCHILD-2N5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
More results

Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
High Voltage PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com