Electronic Components Datasheet Search
  English  ▼

X  

2N5294 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N5294
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5294 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N5294 Datasheet HTML 1Page - Continental Device India Limited 2N5294 Datasheet HTML 2Page - Continental Device India Limited 2N5294 Datasheet HTML 3Page - Continental Device India Limited 2N5294 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5294 5296 5298
D.C. current gain
IC = 0.5 A; VCE = 4 V
hFE*
min.
30
–
–
max. 120
–
–
IC = 1 A; VCE = 4 V
hFE*
min.
–
30
–
max.
–
120
–
IC = 1.5 A; VCE = 4 V
hFE*
min.
–
–
20
max.
–
–
80
Transition frequency
IC = 0.2 A; VCE = 4 V
fT
min.
0.8
0.8
0.8 MHz
Switching time
Turn on time
VCC = 30 V; IC = 0.5 A; IB1 = 0.05 A
ton
max.
5
–
–
µs
VCC = 30 V; IC = 1 A; IB1 = 0.1 A
ton
max.
–
5
–
µs
VCC = 30 V; IC = 1.5 A; IB1 = 0.15 A
ton
max.
–
–
5
µs
Turn off time
VCC = 30 V; IC = 0.5 A; IB1 = 0.05 A
toff
max.
15
–
–
µs
VCC = 30 V; IC = 1 A; IB2 = 0.1 A
toff
max.
–
15
–
µs
VCC = 30 V; IC = 1.5 A; IB2 = 0.15 A
toff
max.
–
–
15
µs
* Pulsed pulse duration = 300 µs; duty factor = 0.018.
2N5294, 2N5296, 2N5298



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com