Electronic Components Datasheet Search
  English  ▼

X  

2N5296 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N5296
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5296 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N5296 Datasheet HTML 1Page - Continental Device India Limited 2N5296 Datasheet HTML 2Page - Continental Device India Limited 2N5296 Datasheet HTML 3Page - Continental Device India Limited 2N5296 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
5294 5296 5298
Collector-base voltage (open emitter)
VCBO
max. 80
60
80 V
Collector-emitter voltage (open base)
VCEO
max. 70
40
60 V
Collector-emitter voltage (VBE = 1.5V)
VCEV
max. 80
60
80 V
Collector-emitter voltage (RBE = 100Ω)VCER
max. 75
50
70 V
Emitter-base voltage (open base)
VEBO
max. 7.0
5.0
5.0 V
Collector current
IC
max.
4.0
A
Base current
IB
max.
2.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
36
W
Derate above 25°C
max.
0.288
W/° C
Total power dissipation up to TA = 25°C
Ptot
max.
1.8
W
Derate above 25°C
max.
0.0144
W/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
°C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
70
° C/W
From junction to case
Rth j–c
3.5
° C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
5294 5296 5298
Collector cutoff current
VCE = 65 V; VBE = 1.5 V
ICEV
max. 0.5
–
0.5 mA
VCE = 35 V; VBE = 1.5 V
ICEV
max.
–
2.0
–
mA
VCE = 65 V; VBE = 1.5 V; TC = 150°C
ICEV
max. 3.0
–
3.0 mA
VCE = 35 V; VBE = 1.5 V; TC = 150°C
ICEV
max.
–
5.0
–
mA
VCE = 50 V; RBE = 100 Ω
ICER
max. 0.5
–
0.5 mA
VCE = 50 V; RBE = 100 Ω; TC = 150°C
ICER
max. 2.0
–
2.0 mA
Emitter cut-off current
IC = 0; VEB = 7 V
IEBO
max. 1.0
–
–
mA
IC = 0; VEB = 5 V
IEBO
max.
–
1.0
1.0 mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)* min.
70
40
60
V
IC = 1 mA; IE = 0
VCBO
min.
80
60
80
V
IE = 1 mA; IC = 0
VEBO
min.
7
5
5
V
Saturation voltages
IC = 0.5 A; IB = 0.05 A
VCEsat*
max. 1.0
–
–
V
IC = 1 A; IB = 0.1 A
VCEsat*
max.
–
1.0
–
V
IC = 1.5 A; IB = 0.15 A
VCEsat*
max.
–
–
1.0 V
Base-emitter on voltage
IC = 0.5 A; VCE = 4 V
VBE(on)*
max. 1.1
–
–
V
IC = 1 A; VCE = 4 V
VBE(on)*
max.
–
1.3
–
V
IC = 1.5 A; VCE = 4 V
VBE(on)*
max.
–
–
1.5 V
2N5294, 2N5296, 2N5298



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com