Electronic Components Datasheet Search
  English  ▼

X  

2N5088 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N5088
Description  NPN SILICON EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5088 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N5088 Datasheet HTML 1Page - Continental Device India Limited 2N5088 Datasheet HTML 2Page - Continental Device India Limited 2N5088 Datasheet HTML 3Page - Continental Device India Limited 2N5088 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
2N5088/89
DESCRIPTION
SYMBOL
Min
Max
UNITS
DC Current Gain
hFE
IC=100uA,VCE=5V
2N5088
300
900
2N5089
400
1200
IC=1mA,VCE=5V
2N5088
350
-
2N5089
450
-
IC=10mA,VCE=5V*
2N5088
300
-
2N5089
400
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA, IB=1.0mA
-
0.5
V
Base Emitter on Voltage
VBE(on) *
IC=10mA,VCE=5V
-
0.8
V
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth Product
ft
IC=500uA,VCE=5V
>50
-
MHz
f=20MHz
Collector-Base Capacitance
Ccb
VCB=5V, f=100kHz
-
<4.0
pF
Emitter-Base Capacitance
Ceb
VEB=0.5V, f=100kHz
-
<10
pF
Small Signal Current Gain
hfe
IC=1mA, VCE=5V
2N5088
350
1400
f=1kHz
2N5089
450
1800
Noise Figure
NF
IC=100uA, VCE=5V,
2N5088
-3.0
dB
Rs=10kohms, f=10Hz
2N5089
-2.0
dB
to 15.7 kHz
*Pulsed: pulse Duration =300us, Duty Cycle=2%
(1)Rth (j-a) is measured with the device soldered into a typical printed circuit board.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com