Electronic Components Datasheet Search
  English  ▼

X  

2N5172 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5172
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5172 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5172 Datasheet HTML 1Page - Continental Device India Limited 2N5172 Datasheet HTML 2Page - Continental Device India Limited 2N5172 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N5172
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
25
V
Collector Base Voltage
VCBO
25
V
Emitter Base Voltage
VEBO
5
V
Collector Current Continuous
IC
100
mA
Power Dissipation @ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.5
W
Derate Above 25ºC
12
mW/ºC
Operating And Storage Junction
Tj, Tstg
- 55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
200
ºC/W
Junction to Case
Rth(j-c)
83.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=10mA,IB=0
25
Collector Cut Off Current
ICBO
VCB=25V, IE=0
100
nA
VCB=25V,IE=0,Ta=100ºC
10
µA
Collector Cut Off Current
ICES
VCE =25V, VBE=0V
100
nA
Emitter Cut Off Current
IEBO
VEB=5V, IC = 0
100
nA
DC Current Gain
hFE
VCE=10V,IC=10mA
100
500
Collector Emitter Saturation Voltage
VCE(sat)
IC=10mA,IB=1mA
0.25
V
Base Emitter Saturation Voltage
VBE(sat)
IC=10mA,IB=1mA
0.75
V
Base Emitter On Voltage
VBE(on)
VCE=10V,IC=10mA
0.5
1.2
V
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
IC=2mA, VCE=5V
120
MHz
Collector Base Capacitance
CCb
IE=0, VCB=0V,f=1MHz
1.6
10
pF
Small Signal Current Gain
hfe
VCE =10V,IC=10mA
100
750
f=1kHz
Continental Device India Limited
Data Sheet
Page 1 of 3
E C
B
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5172

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5172 FAIRCHILD-2N5172 Datasheet
23Kb / 3P
NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N5172 CENTRAL-2N5172 Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N5172 FAIRCHILD-2N5172 Datasheet
291Kb / 7P
NPN General Purpose Amplifier
logo
Diotec Semiconductor
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
logo
TRANSYS Electronics Lim...
2N5172 TEL-2N5172 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2N5172

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com