Electronic Components Datasheet Search
  English  ▼

X  

2N4030 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N4030
Description  PNP SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4030 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N4030 Datasheet HTML 1Page - Continental Device India Limited 2N4030 Datasheet HTML 2Page - Continental Device India Limited 2N4030 Datasheet HTML 3Page - Continental Device India Limited 2N4030 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR TRANSISTORS
2N4030, 2N4031
2N4032, 2N4033
TO-39
Metal Can Package
2N4030 And 2N4033 ARE PNP SMALL SIGNAL GENERAL PURPOSE
AMLIFIER, TRANSISTORS.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2N4030,32
2N4031, 33
UNITS
Collector Emitter Voltage
VCEO
60
80
V
Collector Base Voltage
VCBO
60
80
V
Emitter Base Voltage
VEBO
5V
Collector Current
ICM
1A
Power Dissipation @ Ta=25ºC
PD
800
mW
Derate Above 25ºC
4.6
mW/ºC
Power Dissipation@ Tc=25ºC
PD
4W
Derate Above 25ºC
22.85
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Emitter BreakdownVoltage
BVCEO*IC=10mA,IB=0
2N4030, 4032
60
V
2N4031, 4033
80
V
Collector Base Breakdown Voltage
BVCBO
IC=10µA, IE =0
2N4030, 4032
60
V
2N4031, 4033
80
V
Emitter Base Breakdown Voltage
BVEBO
IE=10µA, IC =0
5
V
Collector Leakage Current
ICBO
VCB=50V, IE=0
2N4030, 4032
50
nA
2N4030, 4032
VCB=50V, TA=150ºC
50
µA
2N4031, 4033
VCB=60V, IE=0
50
nA
2N4031, 4033
VCB=60V, TA=150ºC
50
µA
Emitter Leakage Current
IEBO
VEB=5V, IC=0
10
µA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N4030

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N4030 MICRO-ELECTRONICS-2N4030 Datasheet
143Kb / 2P
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
2N4030 COMSET-2N4030 Datasheet
235Kb / 3P
GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Seme LAB
2N4030 SEME-LAB-2N4030 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
GENERAL PURPOSE HIGH-VOLTAGE
More results

Similar Description - 2N4030

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
PNP SILICON PLANAR TRANSISTORS
BCY77 SIEMENS-BCY77 Datasheet
218Kb / 7P
PNP SILICON PLANAR TRANSISTORS
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
PNP SILICON PLANAR TRANSISTORS
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
PNP SILICON PLANAR TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
PNP SILICON PLANAR TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
PNP silicon planar transistors
BD287 NJSEMI-BD287 Datasheet
114Kb / 2P
PNP Silicon Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com