Electronic Components Datasheet Search
  English  ▼

X  

2N3905 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3905
Description  PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3905 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3905 Datasheet HTML 1Page - Continental Device India Limited 2N3905 Datasheet HTML 2Page - Continental Device India Limited 2N3905 Datasheet HTML 3Page - Continental Device India Limited 2N3905 Datasheet HTML 4Page - Continental Device India Limited 2N3905 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3905 / 2N3906
TO-92
Plastic Package
General Purpose Switching And Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation Ta=60ºC
PD
Power Dissipation Tc=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
Junction to Ambient in free air
Rth (j-a)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
2N3905
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>40
Collector Base Voltage
VCBO
IC=10µA. IE=0
>40
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>5.0
>5.0
Collector Cut Off Current
ICEX
VCE=30V, VEB=3V
< 50
< 50
Base Cut Off Current
IBL
VCE=30V, VEB=3V
< 50
< 50
DC Current Gain
*hFE
IC=0.1mA, VCE=1V
>30
>60
IC=1mA, VCE=1V
>40
>80
IC=10mA, VCE=1V
50-150
100-300
IC=50mA, VCE=1V
>30
>60
IC=100mA, VCE=1V
>15
>30
Collector Emitter Saturation Voltage *VCE (sat)
IC=10mA, IB=1mA
< 0.25
< 0.25
IC=50mA, IB=5mA
< 0.40
< 0.40
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
0.65 - 0.85
IC=50mA, IB=5mA
< 0.95
< 0.95
*Pulse Condition: =300
µµs, Duty Cycle=2%
2N3905_3906Rev_1 071105E
250
mW
5.0
200
625
1.5
5.0
2N3906
83.3
200
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
VALUE
40
40
UNITS
V
V
12
-55 to +150
V
V
0.65 - 0.85
>40
>40
mW/ºC
ºC
ºC/W
ºC/W
V
V
nA
nA
V
W
V
mA
mW
mW/ºC
UNITS
V
V
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3905

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3905 ONSEMI-2N3905 Datasheet
145Kb / 6P
General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
Samsung semiconductor
2N3905 SAMSUNG-2N3905 Datasheet
34Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N3905 SEMTECH-2N3905 Datasheet
171Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications?
logo
Fairchild Semiconductor
2N3905 FAIRCHILD-2N3905 Datasheet
26Kb / 2P
PNP General Purpose Amplifier
logo
Micro Electronics
2N3905 MICRO-ELECTRONICS-2N3905 Datasheet
112Kb / 2P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N3905

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com