Electronic Components Datasheet Search
  English  ▼

X  

RSF2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSF2
Description  Lower-cost alternative to carbon comps and wirewounds
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSF2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 03/12/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Maximum
Maximum
Resistance
Type / Code
Working
Overload
Temperature
Voltage (1)
Voltage
Coefficient
RSF12
0.5W
250V
400V
350V
±200 ppm/ºC
0.1 - 150K
0.1 - 75K
0.1 - 1M
RSF1
1W
350V
600V
600V
±200 ppm/ºC
0.1 - 100K
0.1 - 100K
0.1 - 1M
RSF2
2W
350V
600V
600V
±200 ppm/ºC
0.1 - 120K
0.1 - 120K
0.1 - 1M
RSF3
3W
800V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
RSF5
5W
1,000V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
RSMF12
0.5W
250V
400V
350V
±200 ppm/ºC
0.1 - 46.4K
0.1 - 47K
0.1 - 470K
RSMF1
1W
350V
600V
500V
±200 ppm/ºC
0.1 - 75K
0.1 - 75K
0.1 - 470K
RSMF2
2W
350V
600V
500V
±200 ppm/ºC
0.1 - 100K
0.1 - 100K
0.1 - 470K
RSMF3
3W
500V
800V
600V
±200 ppm/ºC
0.1 - 118K
0.1 - 120K
0.1 - 470K
RSMF5
5W
1,000V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
(1) Lesser of
√PR or maximum working voltage
Power Rating
(Watts)
@ 70ºC
Dielectric
Withstanding
Voltage
1%
2%
Ohmic Range (
Ω) and Tolerance
5%
RSMF Series
RSF Series
Short Time Over Load
JISC 5202 5.5
±2%
±1%
Humidity
MIL-STD 202, Method 103
Dielectric Withstanding Voltage
MIL-STD 202, Method 301
Load Life
MIL-STD 202, Method 108
Load Life in Humidity
JISC 5202 7.9
Temperature Cycling
JESD22 Method JA-104
Moisture Resistance
MIL-STD 202, Method 106
Resistance to Solder Heat
MIL-STD 202, Method 210F
Insulation Resistance
JIS C5201-1, IEC60115-1
Terminal Strength
MIL-STD 202, Method 211
Vibration
MIL-STD 202, Method 201
Operating Temperature Range: -55ºC to +200ºC (RSF12, RSMF12, RSMF1)
-55ºC to +235ºC (All others)
Standard / Method
Requirement
±1.5%
±0.2%
Test
≥ 1Gohm
±0.5%
±1%
±0.5%
±1%
±0.5%
±2%
±2%
Features:
•
Lower-cost alternative to carbon comps and wirewounds
•
Coating meets UL 94V-0
•
Meets solvent test of Mil Standard 202, Method 215
•
Cut and formed product is available on select sizes;
contact factory for details
•
Higher or lower resistance values may be possible;
contact factory
•
Flameproof
•
RoHS compliant / lead-free
Electrical Specifications
Performance Characteristics


Similar Part No. - RSF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF2 ETC2-RSF2 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF2 SEI-RSF2 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
logo
Cynergy3 Co
RSF20 CYNERGY3-RSF20 Datasheet
58Kb / 1P
Low level switch for boiling water
logo
List of Unclassifed Man...
RSF200 ETC1-RSF200 Datasheet
46Kb / 2P
FLAME-PROOF TYPE
logo
YAGEO Corporation
RSF200 YAGEO-RSF200 Datasheet
1Mb / 18P
Metal Oxide Film Resistors
Apr. 01, 2024 V.4
More results

Similar Description - RSF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
The cost effective EMI suppression alternative
logo
DB Lectro Inc
1E-12G DBLECTRO-1E-12G Datasheet
598Kb / 2P
A low cost alternative to memory inspection systems.
logo
List of Unclassifed Man...
RSMF1JTR510 ETC2-RSMF1JTR510 Datasheet
205Kb / 4P
Lower-cost alternative to carbon comps and wirewounds
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
Lower manufacturing cost
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
Superior alternative to matched sets
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
International Standards at Lower Cost and Better Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com