Electronic Components Datasheet Search
  English  ▼

X  

TO-263AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TO-263AB
Description  Dual Common Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-263AB Datasheet(HTML) 2 Page - Vishay Siliconix

  TO-263AB Datasheet HTML 1Page - Vishay Siliconix TO-263AB Datasheet HTML 2Page - Vishay Siliconix TO-263AB Datasheet HTML 3Page - Vishay Siliconix TO-263AB Datasheet HTML 4Page - Vishay Siliconix TO-263AB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEP16xT, FEPF16xT, FEPB16xT
www.vishay.com
Vishay General Semiconductor
Revision: 30-Aug-13
2
Document Number: 88596
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
UNIT
Maximum instantaneous
forward voltage per diode
8.0 A
VF (1)
0.95
1.30
1.50
V
Maximum DC reverse
current per diode at rated DC
blocking voltage
TC = 25 °C
IR
10
μA
TC = 100 °C
500
Maximum reverse recovery
time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction capacitance
per diode
4.0 V, 1 MHz
CJ
85
60
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
FEPF
FEPB
UNIT
Typical thermal resistance from junction to case per diode
RJC
2.2
3.1
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
FEP16JT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
FEPF16JT-E3/45
1.97
45
50/tube
Tube
TO-263AB
FEPB16JT-E3/45
1.35
45
50/tube
Tube
TO-263AB
FEPB16JT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
FEP16JTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
FEPF16JTHE3/45 (1)
1.97
45
50/tube
Tube
TO-263AB
FEPB16JTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
FEPB16JTHE3/81 (1)
1.35
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com