Electronic Components Datasheet Search
  English  ▼

X  

PTB20105 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20105
Description  20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20105 Datasheet(HTML) 1 Page - Ericsson

  PTB20105 Datasheet HTML 1Page - Ericsson PTB20105 Datasheet HTML 2Page - Ericsson PTB20105 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
0
5
10
15
20
25
01
234
Input Power (Watts)
VCC = 25 V
ICQ = 0.100 A
f = 960 MHz
Output Power vs. Input Power
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
5.0
Adc
Total Device Dissipation at Tflange = 25°C
PD
70
Watts
Above 25°C derate by
0.4
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
2.5
°C/W
PTB 20105
20 Watts, 925–960 MHz
Cellular Radio RF Power Transistor
Description
The 20105 is a class AB, NPN, common emitter RF power transistor
intended for 25 Vdc operation from 925 to 960 MHz. Rated at 20
watts minimum output power, it may be used for both CW and PEP
applications. Ion implantation, nitride surface passivation and gold
metallization are used to ensure excellent device reliability. 100% lot
traceability is standard.
• Class AB Characteristics
• Performance at 960 MHz, 25 V
CC
- Output Power = 20 W
- Efficiency = 50% Min
• Gold Metallization
• Silicon Nitride Passivated
Package 20201
20105
LOT
CODE
9/28/98


Similar Part No. - PTB20105

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20101 ERICSSON-PTB20101 Datasheet
44Kb / 3P
175 Watts P-Sync, 470-860 MHz UHF TV Power Transistor
logo
Advanced Semiconductor
PTB20101 ASI-PTB20101 Datasheet
49Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. C
More results

Similar Description - PTB20105

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20135 ERICSSON-PTB20135 Datasheet
47Kb / 3P
85 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20219 ERICSSON-PTB20219 Datasheet
563Kb / 4P
70 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com