Electronic Components Datasheet Search
  English  ▼

X  

2N3636 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3636
Description  PNP SILICON PLANAR RF TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3636 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3636 Datasheet HTML 1Page - Continental Device India Limited 2N3636 Datasheet HTML 2Page - Continental Device India Limited 2N3636 Datasheet HTML 3Page - Continental Device India Limited 2N3636 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR RF TRANSISTORS
2N3635
2N3636
2N3637
TO-39
Metal Can Package
2N3635 and 2N3637 Are PNP Silicon Transistros For High Voltage Switching
and Low Power Amplifier.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
2N3635
2N3636, 37
UNITS
Collector Emitter Voltage
VCEO
140
175
V
Collector Base Voltage
VCBO
140
175
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
1A
Power Dissipation @ Ta=25ºC
PD
1W
Derate Above 25ºC
5.71
mW/ºC
Power Dissipation@ Tc=25ºC
PD
5W
Derate Above 25ºC
28.6
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCEO *IC=10mA, IB =0
2N3635
140
V
2N3636, 37
175
V
Collector Base Breakdown Voltage
BVCBO IC=100µA, IE =0
2N3635
140
V
2N3636, 37
175
V
Emitter Base Breakdown Voltage
BVEBO IE=10µA, IC=0
5
V
Collector Leakage Current
ICBO
VCB=100V, IE=0
100
nA
Emitter Leakage Current
IEBO
VEB=3V, IC=0
50
nA
Collector Emitter Saturation Voltage
VCE( sat) *IC=10mA, IB =1mA
0.3
V
IC=50mA, IB =5mA
0.5
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=10mA,IB=1mA
0.8
V
IC=50mA,IB=5mA
0.65
0.9
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3636

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3636 BOCA-2N3636 Datasheet
219Kb / 6P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3636 MICROSEMI-2N3636 Datasheet
57Kb / 2P
PNP SILICON AMPLIFIER TRANSISTOR
logo
Seme LAB
2N3636 SEME-LAB-2N3636 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
Microsemi Corporation
2N3636 MICROSEMI-2N3636 Datasheet
233Kb / 5P
RADIATION HARDENED
2N3636 MICROSEMI-2N3636 Datasheet
174Kb / 5P
PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3636

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
PNP SILICON PLANAR TRANSISTORS
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
PNP SILICON PLANAR TRANSISTORS
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Comset Semiconductor
2N3636 COMSET-2N3636 Datasheet
77Kb / 3P
SILICON PLANAR RF TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
PNP SILICON PLANAR TRANSISTORS
2N4030 CDIL-2N4030 Datasheet
209Kb / 4P
PNP SILICON PLANAR TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
PNP SILICON PLANAR TRANSISTORS
MARCH 1994
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
PNP silicon planar transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com