Electronic Components Datasheet Search
  English  ▼

X  

2N3250 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3250
Description  PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3250 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3250 Datasheet HTML 1Page - Continental Device India Limited 2N3250 Datasheet HTML 2Page - Continental Device India Limited 2N3250 Datasheet HTML 3Page - Continental Device India Limited 2N3250 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N3250, A/ 2N3251,A
TO-18
Metal Can Package
Designed for Small Signal, General Purpose and Switching Applications
ABSOLUTE MAXIMUM RATINGS
2N3250
2N3251
Collector Emitter Voltage
VCEO
40
Collector Base Voltage
VCBO
50
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation @ Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation @ Tc=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
Junction to Case
Rth (j-c)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
2N3250
2N3250A
UNIT
2N3251
2N3251A
Collector Emitter Voltage
*VCEO
IC=10mA, IB=0
>40
>60
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
>50
>60
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
>5
V
Collector Cutoff Current
ICEX
VCE=40V, VBE=3V
<20
nA
Base Cutoff Current
IBL
VCE=40V, VBE=3V
<50
nA
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=1mA
0.25
V
IC=50mA, IB=5mA
0.5
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
0.6
0.9
V
IC=50mA, IB=5mA
1.2
V
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N3250_A_2N3251_ARev_1 311003D
DESCRIPTION
SYMBOL
UNIT
60
2N3250A
2N3251A
ºC/W
ºC/W
490
150
60
5
mW
mW/ ºC
V
V
V
mA
- 65 to +200
mW/ ºC
ºC
2.06
1.2
W
200
360
6.9
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3250

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3250 BOCA-2N3250 Datasheet
183Kb / 5P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Seme LAB
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
New Jersey Semi-Conduct...
2N3250 NJSEMI-2N3250 Datasheet
106Kb / 2P
GENERAL PURPOSE TRANSISTORS
logo
Central Semiconductor C...
2N3250 CENTRAL-2N3250 Datasheet
545Kb / 2P
SILICON PNP TRANSISTORS
2N3250A CENTRAL-2N3250A Datasheet
33Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3250

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
logo
Continental Device Indi...
2N3905 CDIL-2N3905 Datasheet
359Kb / 5P
PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3496 CDIL-2N3496 Datasheet
196Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904 CDIL-2N2904 Datasheet
80Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com