Electronic Components Datasheet Search
  English  ▼

X  

2N3053 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3053
Description  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3053 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3053 Datasheet HTML 1Page - Continental Device India Limited 2N3053 Datasheet HTML 2Page - Continental Device India Limited 2N3053 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTOR
2N3053 / 2N3053A
TO-39
Metal Can Package
General Purpose Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N3053
UNIT
Collector Emitter Voltage
VCEO
40
V
Collector Base Voltage
VCBO
60
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
Lead Temperature 1/16", + 1/32" from
Case for 10s
TL
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
2N3053
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>40
V
Collector Emitter Voltage
VCER
IC=1mA, RBE=10Ω
>50
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
>60
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
V
Collector Cut Off Current
ICEX
VCE=30V, IE=0, VBE (off)=1.5V
<250
nA
VCE=60V, IE=0, VBE (off)=1.5V
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
nA
Base Cut Off Current
IBL
VCE=60V, IE=0, VBE (off)=1.5V
nA
DC Current Gain
*hFE
IC=150mA, VCE=2.5V
IC=150mA, VCE=10V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=150mA, IB=15mA
<1.4
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=150mA, IB=15mA
<1.7
V
Base Emitter On Voltage
*VBE (on)
IC=150mA, VCE=2.5V
<1.7
V
SMALL SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
IC=50mA, VCE=10V, f=20MHz
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=140KHz
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=140KHz
pF
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N3053_A Rev_1 040406E
50 - 250
>100
0.7
5.0
28.6
- 65 to +200
+235
35
2N3053A
>60
2N3053A
60
80
5.0
>70
>80
<0.3
<1.0
>5.0
<250
<250
<250
>25
0.6 - 1.0
<15
<80
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3053

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
17Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N3053 BOCA-2N3053 Datasheet
42Kb / 1P
GENERAL PURPOSE TRANSISTOR(NPN SILICON)
logo
List of Unclassifed Man...
2N3053 ETC-2N3053 Datasheet
143Kb / 4P
GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Central Semiconductor C...
2N3053 CENTRAL-2N3053 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
41Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
More results

Similar Description - 2N3053

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com