Electronic Components Datasheet Search
  English  ▼

X  

2SJ358 Datasheet(PDF) 2 Page - NEC

Part # 2SJ358
Description  P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ358 Datasheet(HTML) 2 Page - NEC

  2SJ358 Datasheet HTML 1Page - NEC 2SJ358 Datasheet HTML 2Page - NEC 2SJ358 Datasheet HTML 3Page - NEC 2SJ358 Datasheet HTML 4Page - NEC 2SJ358 Datasheet HTML 5Page - NEC 2SJ358 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ358
2
ELECTRICAL SPECIFICATIONS (Ta = +25 ˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Drain Shut-down Current
IDSS
VDS = –60 V, VGS = 0
–10
µA
Gate Leak Current
IGSS
VGS = –16/+10 V, VDS = 0
–/+10
µA
Gate Cutoff Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.0
–1.4
–2.0
V
Forward Transfer Admittance
|yfs|
VDS = –10 V, ID = –1.0 A
1.8
S
Drain-Source On-Resistance
RDS(on)1
VGS = –4 V, ID = –1.5 A
0.29
0.40
Ω
Drain-Source On-Resistance
RDS(on)2
VGS = –10 V, ID = –1.5 A
0.18
0.30
Ω
Input Capacitance
Ciss
VDS = –10 V, VGS = 0,
600
pF
Output Capacitance
Coss
f = 1.0 MHz
300
pF
Feedback Capacitance
Crss
120
pF
On-Time Delay
td(on)
VDD = –25 V, ID = –1.5 A
6
ns
Rise Time
tr
VGS(on) = –10 V
35
ns
Off-Time Delay
td(off)
RG = 10
Ω, RL = 17 Ω
155
ns
Fall Time
tf
95
ns
Gate Input Charge
QG
VDS = –48 V,
23.9
nC
Gate-Source Chanrge
QGS
VGS = –10 V,
1.5
nC
Gate-Drain Charge
QGD
ID = –3.1 A, IG = –2 mA
8.1
nC
Internal Diode Reverse
trr
IF = 3.0 A
95
ns
Recovery Time
di/dt = 50 A/
µs
Internal Diode Reverse
Qrr
118
nC
Recovery Charge
CHARACTERISTICS CURVES (Ta = +25 ˚C)
100
25
80
60
40
20
0
50
75
100
125
150
Ta – Ambient Temperature – ˚C
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
–10
–1
–5
–2
–1
–0.5
–0.5
–2
–5
–10
–20
–100
VDS – Drain to Source Voltage – V
FORWARD BIAS SAFE OPERATING AREA
–50
–0.05
–0.1
–0.2
DS
Single Pulse
10
ms
PW
=
100
ms
1 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com