Electronic Components Datasheet Search
  English  ▼

X  

EC4A01MS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC4A01MS
Description  5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4A01MS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC4A01MS Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4A01MS Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4A01MS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
︳EC4ASERIES
5-6 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 5-6W Isolated Output
* 24-Pin DIP Package
* Efficiency to 87%
* 2:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* Meet EMI EN55022 class A (“-E” model)
* No Tantalum Capacitor inside (“-E” model)
* Wide Operating Temperature Range (“-E” model)
* UL60950-1 Approval for H/HM Versions only and “-E” Model
NOTE:
1. Suffix “-E” of the models are high efficiency and wide operating temperature version.
2. Nominal Input Voltage is 12, 24 or 48 VDC.
3. Typical value at nominal input voltage and full load.
MODEL
NUMBER
(1)
INPUT
VOLTAGE
(2)
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
% EFF.
(3)
CAPACITOR
LOAD MAX.
NO LOAD
FULL LOAD
“-E”
“-E”
“-E”
“-E”
EC4A01
9-18 VDC
5 VDC 1000 mA 1000 mA 7.5 mA 7.5 mA 541 mA 514 mA 77
81
4700uF
EC4A02
9-18 VDC
12 VDC
470 mA
500 mA 7.5 mA 10 mA 573 mA 595 mA 82
84
4700uF
EC4A03
9-18 VDC
15 VDC
400 mA
400 mA 7.5 mA 15 mA 625 mA 588 mA 80
85
4700uF
EC4A04
9-18 VDC ±12 VDC ±230 mA ±250 mA 12 mA 12 mA 554 mA 588 mA 83
85
2200uF
EC4A05
9-18 VDC ±15 VDC ±190 mA ±200 mA 12 mA 18 mA 556 mA 588 mA 81
85
2200uF
EC4A06
9-18 VDC
±5 VDC ±500 mA ±500 mA 12 mA 12 mA 541 mA 514 mA 77
81
2200uF
EC4A07
9-18 VDC
3.3 VDC 1000 mA 1200 mA 7.5 mA 7.5 mA 382 mA 429 mA 72
77
4700uF
EC4A11
18-36 VDC
5 VDC 1000 mA 1000 mA
5 mA
5 mA 260 mA 251 mA 80
83
4700uF
EC4A12
18-36 VDC
12 VDC
470 mA
500 mA
5 mA
8 mA 280 mA 291 mA 84
86
4700uF
EC4A13
18-36 VDC
15 VDC
400 mA
400 mA
5 mA
8 mA 298 mA 287 mA 84
87
4700uF
EC4A14
18-36 VDC ±12 VDC ±230 mA ±250 mA 7.5 mA
8 mA 280 mA 291 mA 82
86
2200uF
EC4A15
18-36 VDC ±15 VDC ±190 mA ±200 mA 7.5 mA 10 mA 293 mA 287 mA 81
87
2200uF
EC4A16
18-36 VDC
±5 VDC ±500 mA ±500 mA 7.5 mA
8 mA 260 mA 254 mA 80
82
2200uF
EC4A17
18-36 VDC
3.3 VDC 1000 mA 1200 mA
5 mA
5 mA 186 mA 209 mA 74
79
4700uF
EC4A21
36-72 VDC
5 VDC 1000 mA 1000 mA
2 mA
3 mA 132 mA 126 mA 79
83
4700uF
EC4A22
36-72 VDC
12 VDC
470 mA
500 mA
2 mA
6 mA 142 mA 144 mA 83
87
4700uF
EC4A23
36-72 VDC
15 VDC
400 mA
400 mA
2 mA
6 mA 154 mA 144 mA 81
87
4700uF
EC4A24
36-72 VDC ±12 VDC ±230 mA ±250 mA
3 mA
6 mA 142 mA 144 mA 81
87
2200uF
EC4A25
36-72 VDC ±15 VDC ±190 mA ±200 mA
3 mA
6 mA 147 mA 144 mA 81
87
2200uF
EC4A26
36-72 VDC
±5 VDC ±500 mA ±500 mA
3 mA
5 mA 130 mA 126 mA 80
83
2200uF
EC4A27
36-72 VDC
3.3 VDC 1000 mA 1200 mA
2 mA
2 mA
93 mA 104 mA 74
79
4700uF


Similar Part No. - EC4A01MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4A01MS ETC2-EC4A01MS Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A01MS ETC2-EC4A01MS Datasheet
187Kb / 3P
5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4A01MS-E CINCON-EC4A01MS-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC4A01MS

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TA2S-3S123.3 TRUMPOWER-TA2S-3S123.3 Datasheet
68Kb / 1P
DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A CINCON-EC4A Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com