Electronic Components Datasheet Search
  English  ▼

X  

PTB20176 Datasheet(PDF) 2 Page - Ericsson

Part # PTB20176
Description  5 Watts, 1.78-1.92 GHz RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20176 Datasheet(HTML) 2 Page - Ericsson

  PTB20176 Datasheet HTML 1Page - Ericsson PTB20176 Datasheet HTML 2Page - Ericsson PTB20176 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTB 20176
2
e
Z Source
Z Load
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
IB = 0 A, IC = 5 mA, RBE = 22 Ω
V(BR)CER
45
—
—
Volts
Breakdown Voltage C to B
IB = 0 A, IC = 5 mA
V(BR)CBO
45
—
—
Volts
Breakdown Voltage E to B
IC = 0 A, IE = 5 mA
V(BR)EBO
4
—
—
Volts
DC Current Gain
VCE = 5 V, IC = 200 mA
hFE
20
—
100
—
Output Capacitance
VCB = 26 V, IE = 0 A, f = 1 MHz
Cob
—7
—
pF
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VCC = 26 Vdc, Pout = 5 W, ICQ = 30 mA, f = 1.85 GHz)
Gpe
11
12
—
dB
Power Output at 1 dB Compression
(VCC = 26 Vdc, ICQ = 30 mA, f = 1.85 GHz)
P-1dB
6.3
7.9
—
Watts
Collector Efficiency
(VCC = 26 Vdc, Pout = 5 W, ICQ = 30 mA, f = 1.85 GHz)
ηC
38
42
—
%
Intermodulation Distortion
(VCC = 26 Vdc, Pout = 5 W(PEP), ICQ = 30 mA,
IMD
-30
-35
—
dBc
f1 = 1.8800 GHz, f2 = 1.8801 GHz)
Load Mismatch Tolerance
(VCC = 26 Vdc, Pout = 5 W, ICQ = 30 mA,
Ψ
—
—
10:1
—
f = 1.85 GHz—all phase angles at frequency of test)
Impedance Data (data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 5 W, ICQ = 30 mA)
Frequency
Z Source
Z Load
GHz
R
jX
R
jX
1.800
7.8
-7.0
6.7
1.5
1.850
7.6
-6.4
6.7
2.3
1.900
7.5
-5.8
6.7
3.1
6/24/97



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com