Electronic Components Datasheet Search
  English  ▼

X  

2SJ449 Datasheet(PDF) 1 Page - NEC

Part # 2SJ449
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ449 Datasheet(HTML) 1 Page - NEC

  2SJ449 Datasheet HTML 1Page - NEC 2SJ449 Datasheet HTML 2Page - NEC 2SJ449 Datasheet HTML 3Page - NEC 2SJ449 Datasheet HTML 4Page - NEC 2SJ449 Datasheet HTML 5Page - NEC 2SJ449 Datasheet HTML 6Page - NEC 2SJ449 Datasheet HTML 7Page - NEC 2SJ449 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTOR
DESCRIPTION
The 2SJ449 is P-Channel MOS Field Effect Transistor de-
signed for high voltage switching applications.
FEATURES
• Low On-Resistance
RDS(on) = 0.8
Ω MAX. (@ VGS = –10 V, ID = –3.0 A)
• Low Ciss
Ciss = 1040 pF TYP.
• High Avalanche Capability Ratings
• Isolated TO-220 Package
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDSS
–250
V
Gate to Source Voltage
VGSS
m30
V
Drain Current (DC)
ID(DC)
m6.0
A
Drain Current (pulse)*
ID(pulse)
m24
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
35
W
Total Power Dissipation (TA = 25 ˚C) PT2
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
Single Avalanche Current**
IAS
–6.0
A
Single Avalanche Energy**
EAS
180
mJ
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25 ˚C, RG = 25
Ω, VGS = –20 V → 0
2SJ449
SWITCHING
P-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D10030EJ1V0DS00
Date Published May 1995 P
Printed in Japan
©
1995
DATA SHEET
Drain
Source
Body
Diode
Gate
MP-45F(ISOLATED TO-220)
10.0 ±0.3
3.2 ±0.2
4.5 ±0.2
2.7 ±0.2
1.3 ±0.2
1.5 ±0.2
2.54
2.54
0.7 ±0.1
0.65 ±0.1
2.5 ±0.1
12 3
1. Gate
2. Drain
3. Source
PACKAGE DIMENSIONS
(in millimeters)


Similar Part No. - 2SJ449

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ449 RENESAS-2SJ449 Datasheet
217Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - 2SJ449

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com