Electronic Components Datasheet Search
  English  ▼

X  

MD1322F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1322F
Description  DC-DC Converter Power IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1322F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MD1322F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1322F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MD1322F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MD1322F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC Converter Power
IC
Specifications
www.shindengen.co.jp/product/semi/
27
U095-6
MD1322F
(製品上の表示については捺印仕様をご確認ください)
28
27
26
25
24
23
22
TAB2
21
20
19
18
17
16
15
1
2
3
4
5
6
7
TAB1
8
9
10
11
12
13
14
端子番号
端子名
端子番号
端子名
S/S
VOUT
2
1
OCL -
P.GND
3
OCL+
8 ∼11
VDD
4, 24
GND
VTS
22
VG
23
VB
VCC
25
N/C
26
Vref
Vboot
27
ampOUT
5
6
TAB1
TAB2
7, 12∼21
28
amp-
BOOT
Vref=6.5V
HighSide
Vref =VOUT+5.8V
OSC
f =250kHz
HighSide
Driver
TSD
P.GND
Vcc Vboot
OCL+
OCL-
2.45V
Error Amp
S/S
ampOUT
amp-
GND
S
R
Q
3V
1V
Main Switch
MOS OFF
150℃
100℃
CLM Vth=
0.1∼0.2V
PWM Comp
Vref
VB
VDD
VOUT
VG
26
※N/C:7,12∼21
UVLO
Start=7.2V
Stop=6.7V
Bandgap
Reference
5.0V±5%
5
6
23
22
TAB2
TAB1
4,24
1
2
3
27
28
Vi
GND
GND
Vo
8∼11
※出力 5.3V 以上に設定する場合はアプリケーションマニュアルを参照してください。
○入力電圧範囲 8 ∼ 30V
○出力電圧範囲 2.5 ∼ 12V
(外部抵抗により任意に設定可能)
○最大出力電流 3A
○発振周波数
250kHz
○メインスイッチMOSFET、フライホイール用SBD 内蔵
○過電流保護機能内蔵
○過熱保護機能内蔵


Similar Part No. - MD1322F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1322F SHINDENGEN-MD1322F_17 Datasheet
238Kb / 4P
DC-DC Converter Power IC
More results

Similar Description - MD1322F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD3221N SHINDENGEN-MD3221N Datasheet
327Kb / 26P
DC-DC Converter Power IC
MD1320N SHINDENGEN-MD1320N_17 Datasheet
237Kb / 4P
DC-DC Converter Power IC
MD1322F SHINDENGEN-MD1322F_17 Datasheet
238Kb / 4P
DC-DC Converter Power IC
MD1322N SHINDENGEN-MD1322N_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD1333N SHINDENGEN-MD1333N_17 Datasheet
242Kb / 3P
DC-DC Converter Power IC
MD1421N SHINDENGEN-MD1421N_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
DC-DC Converter Power IC
MD1423N SHINDENGEN-MD1423N_17 Datasheet
242Kb / 4P
DC-DC Converter Power IC
MD3221R SHINDENGEN-MD3221R_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
MD3222N SHINDENGEN-MD3222N_17 Datasheet
243Kb / 4P
DC-DC Converter Power IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com