Electronic Components Datasheet Search
  English  ▼

X  

ZM4728 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # ZM4728
Description  SILICON PLANAR POWER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ZM4728 Datasheet(HTML) 1 Page - Continental Device India Limited

  ZM4728 Datasheet HTML 1Page - Continental Device India Limited ZM4728 Datasheet HTML 2Page - Continental Device India Limited ZM4728 Datasheet HTML 3Page - Continental Device India Limited ZM4728 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER ZENER DIODES
ZM4728 - ZM4764
3.3 - 100V
LL-41 (MELF)
Glass Axial Package
For Use in Stabilzing and Clipping Circuits with High Power Rating
Standard Zener Voltage tolerance is +/- 10% . Add Suffix A FOR +/- 5% tolerance
DESCRIPTION
UNIT
Power Dissipation at Tamb=25ºC
W
Junction Temperature
ºC
Storage Temperature Range
ºC
THERMAL RESISTANCE
Junction to Ambient in free Air
K/W
*Valid provided that electrodes are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (Ta=25ºC VF <1.2V at 200mA )
Device
***VZT at IZT
IZT
IR
VR
Surge
Current
rzt
Nominal
MAX
MAX
Max
Max
IR
(V)
(mA)
(
Ω
Ω)
(
Ω
Ω)
(mA)
(
µµA)
(V)
(mA)
ZM4728
3.3
76
10
400
1.00
150
1.0
1375
ZM4729
3.6
69
10
400
1.00
100
1.0
1260
ZM4730
3.9
64
9.0
400
1.00
100
1.0
1190
ZM4731
4.3
58
9.0
400
1.00
50
1.0
1070
ZM4732
4.7
53
8.0
500
1.00
10
1.0
970
ZM4733
5.1
49
7.0
550
1.00
10
1.0
890
ZM4734
5.6
45
5.0
600
1.00
10
2.0
810
ZM4735
6.2
41
2.0
700
1.00
10
3.0
730
ZM4736
6.8
37
3.5
700
1.00
10
4.0
660
ZM4737
7.5
34
4.0
700
0.5
10
5.0
605
ZM4738
8.2
31
4.5
700
0.5
10
6.0
550
ZM4739
9.1
28
5.0
700
0.5
10
7.0
500
ZM4740
10
25
7.0
700
0.25
10
7.6
454
ZM4741
11
23
8.0
700
0.25
5
8.4
414
ZM4742
12
21
9.0
700
0.25
5
9.1
380
ZM4743
13
19
10
700
0.25
5
9.9
344
ZM4744
15
17
14
700
0.25
5
11.4
304
ZM4745
16
15.5
16
700
0.25
5
12.2
285
ZM4746
18
14
20
750
0.25
5
13.7
250
ZM4747
20
12.5
22
750
0.25
5
15.2
225
ZM4748
22
11.5
23
750
0.25
5
16.7
205
ZM4749
24
10.5
25
750
0.25
5
18.2
190
ZM4750
27
9.5
35
750
0.25
5
20.6
170
ZM4751
30
8.5
40
1000
0.25
5
22.8
150
ZM4752
33
7.5
45
1000
0.25
5
25.1
135
ZM4728_4764Rev120706E
*Maximum Zener
Impedance
38
34
30
27
57
50
45
41
83
76
69
61
121
110
100
91
178
162
146
133
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
*Rth (j-a)
170
ZZK
at IZK
**IZM
SYMBOL
*PD
Tj
Tstg
VALUE
1
+175
- 65 to +175
Max
(mA)
275
252
234
217
193
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - ZM4728

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4728 SEMTECH-ZM4728 Datasheet
226Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
General Semiconductor
ZM4728 GE-ZM4728 Datasheet
69Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
EIC discrete Semiconduc...
ZM4728 EIC-ZM4728 Datasheet
34Kb / 2P
ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
ZM4728 SEMTECH_ELEC-ZM4728 Datasheet
241Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - ZM4728

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4729 SURGE-1N4729 Datasheet
84Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
Silicon Planar Power Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
Silicon Planar Power Zener Diodes
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com