Electronic Components Datasheet Search
  English  ▼

X  

PTF10021 Datasheet(PDF) 5 Page - Ericsson

Part # PTF10021
Description  30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10021 Datasheet(HTML) 5 Page - Ericsson

  PTF10021 Datasheet HTML 1Page - Ericsson PTF10021 Datasheet HTML 2Page - Ericsson PTF10021 Datasheet HTML 3Page - Ericsson PTF10021 Datasheet HTML 4Page - Ericsson PTF10021 Datasheet HTML 5Page - Ericsson PTF10021 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PTF 10021
5
e
Placement Diagram (not to scale)
Q1
PTF 10021
Field Effect Transistor
l1
0.11 l 1.5 GHz
Microstrip 30.21 W
l2
0.0483 l 1.5 GHz Microstrip 11.69 W
l3
0.07 l 1.5 GHz
Microstrip 70 W
l4
0.0853 l 1.5 GHz Microstrip 11.69 W
l5
0.07 l 1.5 GHz
Microstrip 21 W
l6
0.25 l 1.5 GHz
Microstrip 70 W
C1
33 pF
Chip Cap ATC 100 B
C2
1.3 pF
Chip Cap ATC 100 B
C3
0.7 pF
Chip Cap ATC 100 B
C4, C5
33 pF
Chip Cap ATC 100 B
C6
10 uF
SMT Tantalum
C7
0.1 uF
Chip Cap
C8
33 pF
Chip Cap ATC 100 B
C9
0.1 uF
Chip Cap
C10
10 uF
SMT Tantalum
L1
2.7 nH
SMT Coil
L2
4mm Ferrite Bead
R1
220 W
K 1206 SMT
R2
220 W
K 1206 SMT
R3
2 KW
SMT Pot
R4
470 W
K 1206 SMT
R5
2.2 W
K 1206 SMt
Circuit Board
.028" Dielectric Thickness,
Circuit Board
e
r = 4.0, AlliedSignal,
G200, 2 oz. copper
Test Circuit
Schematic for f = 1.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com