Electronic Components Datasheet Search
  English  ▼

X  

TO-126 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # TO-126
Description  TO-126 Leaded Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-126 Datasheet(HTML) 2 Page - Continental Device India Limited

  TO-126 Datasheet HTML 1Page - Continental Device India Limited TO-126 Datasheet HTML 2Page - Continental Device India Limited TO-126 Datasheet HTML 3Page - Continental Device India Limited TO-126 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin 1: Emitter
Pin 2: Collector
Pin 3: Base
DIM
Min
Max
DIM
Min
Max
A
7.40
7.80
G
B
10.50
10.80
L
C
2.40
2.70
M
D
0.640
0.880
N
E
P
2.90
3.2
F
0.39
0.63
S
TO126_Pkg_Drawing Rev251005
2.25 Typ
2.5 Typ
3.75 Typ
1.27 Typ
15.7 Typ
4.5 Typ
TO-126 Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com