Electronic Components Datasheet Search
  English  ▼

X  

TO-92L Datasheet(PDF) 5 Page - Continental Device India Limited

Part # TO-92L
Description  TO-92L (3 Leads) Leaded Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-92L Datasheet(HTML) 5 Page - Continental Device India Limited

  TO-92L Datasheet HTML 1Page - Continental Device India Limited TO-92L Datasheet HTML 2Page - Continental Device India Limited TO-92L Datasheet HTML 3Page - Continental Device India Limited TO-92L Datasheet HTML 4Page - Continental Device India Limited TO-92L Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TO-92L Package and Packaging
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Bulk
5,000
5K
19 x 19 x 8
1.2
80K
43 x 38 x 34
30.0
T & A
2, 000
2K
35 x 4.5 x 20
0.72
40K
44 x 38 x 34
16.0
Bulk: Lose in Poly bags
T & A: Tube and Ammo Pack
TO92L_Pkg_Drawing Rev
141105
TO-92L
Disclaimer
All Dimensions are in mm
Inner Carton
Outer Carton
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in
your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the
Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD
are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information.
Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey
any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or
systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any
life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdilsemi.com
Packing Slip (PM) and inner carton boxes of all RoHS Compliant Semiconductor
Devices carry a ‘ T ’
mark in green colour.
The marking on the CDIL’s RoHS Compliant Devices will be as specified below:
Documentation – Standard CDIL part numbers will be prefixed with ‘ T ’ and
specified on the
Invoice and Shipping Documents.
Physical Marking - The marking on these Devices shall also carry the ‘T’ mark,
generally as a prefix.
However, in case of physical space constraint on the
package, ‘T’ mark may be put as a
suffix or in the next line.
RoHS Compliant Device Part Numbers and Marking on CDIL Devices and Packaging
Continental Device India Limited
Data Sheet
Page 5 of 5
Component Disposal Instructions
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
as per prevailing Environmental Legislation of their Country.
1. CDIL Semiconductor Devices are non-recyclable RoHS compliant, customers are requested to please dispose



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com