Electronic Components Datasheet Search
  English  ▼

X  

TO-92 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # TO-92
Description  TO-92 (3 leads) Leaded Thru-hole Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-92 Datasheet(HTML) 3 Page - Continental Device India Limited

  TO-92 Datasheet HTML 1Page - Continental Device India Limited TO-92 Datasheet HTML 2Page - Continental Device India Limited TO-92 Datasheet HTML 3Page - Continental Device India Limited TO-92 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
MECHANICAL DATA
T
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
AT TOP OF BODY
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
AT TOP OF BODY
COMPONENT ALIGNMENT FRONT VIEW
h1
01.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
t1 0.3 - 0.6
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
%%P1
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH
FEED HOLE PITCH
Po
12.7
%%P0.3
FEED HOLE CENTRE TO
TO BE MEASURED AT BOTTOM OF CLINCH
COMPONENT CENTRE
P2
6.35
%%P0.4
DISTANCE BETWEEN OUTER
+0.6
LEADS
F
5.08
-0.2
TAPE WIDTH
W
18
%%P0.5
HOLD-DOWN TAPE WIDTH
Wo
6
%%P0.2
HOLE POSITION
W1
9
+0.7
-0.5
HOLD-DOWN TAPE POSITION
W2
0.5
%%P0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
%%P0.5
FEED HOLE DIAMETER
Do
4
%%P0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+0.4, -0.1
STAND OFF
H2
0.45
1.45
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS IS PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES IS REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
183
331
FEE
D
42
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com