Electronic Components Datasheet Search
  English  ▼

X  

TIP142T Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TIP142T
Description  SILICON PLANAR POWER DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TIP142T Datasheet(HTML) 1 Page - Continental Device India Limited

  TIP142T Datasheet HTML 1Page - Continental Device India Limited TIP142T Datasheet HTML 2Page - Continental Device India Limited TIP142T Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR POWER DARLINGTON TRANSISTORS
TIP142T
NPN
TIP147T
PNP
TO-220
Plastic Package
For use in Power Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
100
V
Collector Emitter Voltage
VCEO
100
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
10
A
Collector Peak Current (Repetitive)
ICM
20
Base Current
IB
0.5
A
Power Dissipation @ Tc=25ºC
Ptot
80
W
Operating & Storage Junction
Tj, Tstg
- 65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
1.0
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=100V, IE=O
1.0
mA
Collector Cut off Current
ICEO
VCE=50V, IB=0
2.0
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
2.0
mA
Collector Emitter (sus) voltage
VCEO *IC=30mA, IB=0
100
V
Collector Emitter Saturation Voltage
VCE(sat)*IC=5A, IB=10mA
2.0
V
IC=10A, IB=40mA
3.0
Base Emitter on Voltage
VBE(on) *
IC=10A, VCE=4V
3.0
V
DC Current Gain
hFE *IC=5A, VCE=4V
1000
IC=10A, VCE=4V
500
SWITCHING TIME
Turn on time
ton
0.9
µs
Ic=10A, IB1=IB2= - 40mA,
Turn off time
toff
RL=3Ω
4.0
µs
*Pulsed : Pulse duration =200
µs, Duty Cycle=1.5%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - TIP142T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP142T MOSPEC-TIP142T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
logo
STMicroelectronics
TIP142T STMICROELECTRONICS-TIP142T Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP142T FAIRCHILD-TIP142T Datasheet
52Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
TIP142T ISC-TIP142T Datasheet
111Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP142T

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP140F TEL-TIP140F Datasheet
60Kb / 2P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
STBDW42 SEMTECH_ELEC-STBDW42 Datasheet
229Kb / 3P
NPN Silicon Planar Darlington Power Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
TIP140 CDIL-TIP140 Datasheet
327Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com