Electronic Components Datasheet Search
  English  ▼

X  

SR23 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # SR23
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SR23 Datasheet(HTML) 1 Page - Continental Device India Limited

  SR23 Datasheet HTML 1Page - Continental Device India Limited SR23 Datasheet HTML 2Page - Continental Device India Limited SR23 Datasheet HTML 3Page - Continental Device India Limited SR23 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 - SR2A
DO-214AC (SMA)
Surface Mount Package
For Use in Low Voltage High Frequency Inverters, Free Wheeling and Polarity Protection Application
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating @ 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave Resistive or
Inductive Load. For Capacitive Load, Derate by 20%)
SYMBOL
SR22
SR23
SR24 SR25 SR26 SR28 SR2A
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
I(AV)
A
single half sine-wave superimposed on
*VF
V
Maximum DC Reverse Current Ta=25
oC
mA
@ Rated DC Blocking Voltage
Ta=100
oC
mA
Thermal Resistance Junction to Ambient
**Rth (j-a)
ºC/W
Thermal Resistance Junction to Lead
**Rth (J-L)
ºC/W
Tj
ºC
Tstg
ºC
* Pulse Width=300
µµs, 1% Duty Cycle.
** Mounted on P.C.B with 0.2 X 0.2" ( 5 X 5mm) copper pad areas.
SR22_SR29Rev200105E
Storage Temperature Range
50
28
0.85
- 65 to +125
- 65 to +150
DESCRIPTION
Peak Forward Surge Current 8.3ms
MaximumForward Voltage @ IF=2.0A
*IR
rated load
IFSM
Maximum RMS Voltage
Operating Junction Temperature Range
2.0
Maximum Average Forward Rectified Current
Lead Length @ TL=75
oC
A
88
0.5
1.0
10
- 65 to +150
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - SR23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR23 MOSPEC-SR23 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Monolithic Power System...
SR23 MPS-SR23 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
SR23 MPS-SR23 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Won-Top Electronics
SR23 WTE-SR23 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR23

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com